Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8985AL Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8985AL
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985AL Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8985AL Datasheet HTML 10Page - Mitel Networks Corporation MT8985AL Datasheet HTML 11Page - Mitel Networks Corporation MT8985AL Datasheet HTML 12Page - Mitel Networks Corporation MT8985AL Datasheet HTML 13Page - Mitel Networks Corporation MT8985AL Datasheet HTML 14Page - Mitel Networks Corporation MT8985AL Datasheet HTML 15Page - Mitel Networks Corporation MT8985AL Datasheet HTML 16Page - Mitel Networks Corporation MT8985AL Datasheet HTML 17Page - Mitel Networks Corporation MT8985AL Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MT8985
2-61
† Timing is over recommended temperature & power supply voltages .
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
Figure 17 - Motorola Non-Multiplexed Bus Timing
AC Electrical Characteristics†- Microprocessor Bus
Voltages are with respect to ground (VSS) unless otherwise stated .
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
CS Setup from DS rising
tCSS
0ns
2R/W Setup from DS rising
tRWS
30
ns
3
Add setup from DS rising
tADS
5ns
4
CS hold after DS falling
tCSH
0ns
5R/W hold after DS falling
tRWH
5ns
6
Add hold after DS falling
tADH
5ns
7
Data setup from DTA Low on Read
tDDR
10
ns
CL=150 pF
8
Data hold on read
tDHR
10
50
90
ns
RL=1 KΩ*,
CL=150 pF
9
Data setup on write (fast write)
tDSW
20
ns
10 Valid Data Delay on write
(slow write)
tSWD
122
ns
11 Data hold on write
tDHW
8ns
12 Acknowledgement Delay:
Reading Data Memory
Reading/Writing Conn. Memory
Writing to Control Register
Reading Control Register
tAKD
560
300/370
47
70
1220
730/800
95
155
ns
ns
ns
ns
CL=150 pF
13 Acknowledgement Hold Time
tAKH
10
60
110
ns
RL=1 KΩ*,
CL=150 pF
CS
R/W
A0-A6
D0-D7
READ
D0-D7
WRITE
DTA
tCSS
tRWS
tADS
tCSH
tRWH
tADH
tSWD
tDSW
tDHR
VALID DATA
tDDR
tDHW
tAKH
tAKD
VALID DATA
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com