Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT3441 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # CDT3441
Description  3 LED 雍멨눣?㎩댍IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3441 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  CDT3441 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDT3241 ---
1
CDT3441
P. 1
3 LED 輸出控制 IC
■
CDT3441
■
特
性
CDT3441 專門設計應用於低壓 3 個 LED
輸出推動 IC。
內建低電壓昇壓信號輸出
IC 可以不必外接振盪電阻。
工作電壓:1.35V~5.00VDC
LED 輸出電流 > 30mA @3VDC
內定速度, 不必外接零件
OSCI,OSCO ─ 接 Rosc 加快
CdS 控制
內建低電壓昇壓信號 128KHz 輸出。
CdS 有 2 秒延遲判斷明暗之功能
■
IC 打線腳座配置圖
■
16PIN DIP
chip
Dip
符 號
X(µm)
Y(µm)
功能說明
2
2
VDD
145
1008
電源正端。
3
3
CdS
145
777
CdS 或 Photo Diode 光源偵測電壓輸入端。
4
4
TEST
145
570
IC 內部測試 PIN。
5
5
OPT2
145
365
亮燈模式選擇,Floating=全亮,接 VDD=2Hz 閃爍。
6
6
OPT1
106
143
KEY 功能鍵,Floating=無動作,接 VDD=可按鍵選擇。
7
7
OSCO
314
143
振盪輸入。
8
8
OSCI
484
143
振盪輸出。
9
9
CLOCK
739
143
輸出端 -- 128KHz, 1/2 Duty。
10
10
KEY
964
143
KEY 按鍵。
11
11
VSS
1208
143
電源負端。
12
12
L3
1208
417
13
13
L2
1208
601
14
14
L1
1208
785
LED (sink)輸出。
15
15
LAMP
1208
1008
輸出端 -- 32KHz, 1/4 Duty。
其朋半導體股份有限公司
Chip Design Technology
Inc.
91 年 12 月 19 日
* 正印 CDT3441
LAMP
L1
L2
L3
VSS
KEY
CLOCK
---
VDD
CdS
TEST
OPT2
OPT1
8
OSCO
9
OSCI
1
16
2
15
3
14
4
13
5
12
6
11
7
10
---
IC 底座接 VDD
VDD
CdS
TEST
OPT2
OPT1 OSCO OSCI CLOCK KEY VSS
L3
L2
L1
LAMP
1400 X 1260µM
CDT3441
2
3
4
5
6
7
8
9
10
11
12
13
14
15


Similar Part No. - CDT3441

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3447 BOWIN-CDT3447 Datasheet
150Kb / 4P
3 LED 轢멩삇轢멩슅雍멨눣?㎩댍IC
More results

Similar Description - CDT3441

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3205 BOWIN-CDT3205 Datasheet
109Kb / 4P
???LED 雍멨눣?㎩댍IC
CDT3234 BOWIN-CDT3234 Datasheet
68Kb / 1P
3 LED 雍멨눣?㎩댍IC
CDT3332-00 BOWIN-CDT3332-00 Datasheet
86Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-01 BOWIN-CDT3332-01 Datasheet
87Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-02 BOWIN-CDT3332-02 Datasheet
84Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-04 BOWIN-CDT3332-04 Datasheet
105Kb / 4P
???LED 雍멨눣?㎩댍IC
CDT3332-06 BOWIN-CDT3332-06 Datasheet
87Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-08 BOWIN-CDT3332-08 Datasheet
90Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-15 BOWIN-CDT3332-15 Datasheet
81Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3457 BOWIN-CDT3457 Datasheet
104Kb / 4P
???LED 雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com