Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT3441 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # CDT3441
Description  3 LED 雍멨눣?㎩댍IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3441 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  CDT3441 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDT3241 ---
3
CDT3441
P. 3
3 LED 輸出控制 IC
■
應用線路(接白色 LED – 3VDC)
使用說明
(1). CdS:明暗度偵測
不接 CdS 時,CdS PIN 腳須接地(VSS),以避免信號浮接。
(2). OPT1
= Floating,KEY 無效。
= +VDD,KEY 正常使用。
(3). OPT2
= Floating,LED 全亮。
= +VDD,LED 2Hz 閃爍。
(4). Rosc ---- IC 本身內建振盪, 可以不加電阻, 加 Rosc 即加快振動頻率,
以提昇升壓效果
(5). Rosc --- 使用線路升壓時,
如接 CLOCK pin, Rosc 可不接電阻(CLOCK = 128KHz, DUTY = 1/2),
如接 LAMP pin 時, Rosc 需加電阻(約 47K)(LAMP = 32KHz, DUTY = 1/4)
R
OPT2
VSS
OSCO
OSCI
CDT3441
OPT1
OPT2 TEST
VDD
L3
L2
L1 LAMP
CdS
CLOCK
KEY
3.0VDC
CHOKE
C945
白色 LED
4.7K
560μH
可接 L1+L2
或 L1+L2+L3
CdS
OPT1
Rosc
* 正印 CDT3441
LAMP
L1
L2
L3
VSS
KEY
CLOCK
---
VDD
CdS
TEST
OPT2
OPT1
OSCO
OSCI
---
8
1
2
3
4
5
6
7
9
16
15
14
13
12
11
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com