Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9042AP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9042AP Datasheet HTML 1Page - Mitel Networks Corporation MT9042AP Datasheet HTML 2Page - Mitel Networks Corporation MT9042AP Datasheet HTML 3Page - Mitel Networks Corporation MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Information
MT9042
3-99
13
C2
Clock 2.048 MHz (CMOS compatible). This output is a 2.048 MHz (E1) output clock
locked to the selected reference input signal.
14
C4
Clock 4.096 MHz (CMOS compatible). This output is a 4.096 MHz output clock locked to
the selected reference input signal.
15
VSS
Negative Power Supply Voltage. Nominally 0 Volts.
16
C8
Clock 8.192 MHz (CMOS compatible). This output is an 8.192 MHz output clock locked to
the selected reference input signal.
17
C16
Clock 16.384 MHz (CMOS compatible). This output is a 16.384 MHz output clock locked
to the selected reference input signal.
18
VDD
Positive Supply Voltage. Nominally +5 volts.
19
GTi
Guard Time Input (TTL Level Schmitt Trigger). This TTL level Schmitt trigger input is
used to determine the threshold level of the RC generated (guard) time constant. This
function filters out unwanted rearrangements between the PRI and SEC reference input
signals.
20
GTo
Guard Time Output (CMOS compatible). This is a CMOS buffered output used to drive the
external RC generated (guard) time constant circuit.
21
LOSS2
Reference Loss Indicator - 2 Input (TTL compatible). This input, in conjunction with
LOSS1, comprises a set of signals which control the event driven state machine when the
PLL is operating in AUTOMATIC mode (see Table 4).
22
LOSS1
Reference Loss Indicator - 1 Input (TTL compatible). This input, in conjunction with
LOSS2, comprises a set of signals which control the event driven state machine when the
PLL is operating in AUTOMATIC mode (see Table 4).
23
MS2
Mode Select - 2 Input (TTL compatible). This input, in conjunction with MS1, selects the
PLL mode of operation (i.e.,NORMAL, HOLDOVER, FREERUN, or AUTOMATIC; see Table
1).
24
MS1
Mode Select - 1 Input (TTL compatible). This input, in conjunction with MS2, selects the
PLL mode of operation (i.e., NORMAL, HOLDOVER, FREERUN, or AUTOMATIC; see Table
1).
25
RSEL
Input Reference Select (TTL compatible). When LOW this input selects PRI as the
reference input signal, and when HIGH, selects SEC as the reference input signal (see Table
2).
26
FSEL2
Frequency Select - 2 Input (TTL compatible). This input, in conjunction with FSEL1,
selects the frequency of the input reference source (i.e., 8 kHz, 1.544 MHz, or 2.048 MHz;
see Table 3).
27
FSEL1
Frequency Select - 1 Input (TTL compatible). This input, in conjunction with FSEL2,
selects the frequency of the input reference source (i.e., 8 kHz, 1.544 MHz, or 2.048 MHz;
see Table 3).
28
RST
Reset (TTL compatible). This input (active LOW) puts the MT9042 in its reset state. To
guarantee proper operation, the device must be reset after power-up. The time constant for
a power-up reset circuit must be a minimum of five times the rise time of the power supply. In
normal operation, the RST pin must be held low for a minimum of 60 nsec to reset the
device.
Pin Description (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com