Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENG7350 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # ENG7350
Description  10-OUTPUT CONTROLLER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG7350 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  ENG7350 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7350 ---
4
1
7350
P. 4
10-OUTPUT CONTROLLER IC
2. LED application
(4) 12VDC
(5) Normal ─ Sequencial Chasing
(6) Braking ─ Steady On, Flashing, Forward & Backward,Sequencially Grow options
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10
12VDC
RESET
L10
VDD
L9
GO
L8
ALLON
L7
RT
L6
CT
L5
RC
L4
20
2
19
3
18
4
17
5
16
6
15
7
14
7350-0
MODE
L3
VSS
L2
FLASH
L1
8
13
9
12
10
11
L10
L9
L8
L7
L6
L5
L4
L3
L2
L1
C2
102
1M
104
C1
104
104
1K
1K
1K
1K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com