Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENG7350 Datasheet(PDF) 5 Page - BOWIN ELECTRONIC CO.

Part # ENG7350
Description  10-OUTPUT CONTROLLER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG7350 Datasheet(HTML) 5 Page - BOWIN ELECTRONIC CO.

  ENG7350 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7350 ---
5
1
7350
P. 5
10-OUTPUT CONTROLLER IC
■
7350-2 16PIN─ 6 outputs
(7) 12VDC
(8)
Normal ─ Sequencial Chasing
(9) Braking ─ Steady On, Flashing, Forward & Backward,Sequencially Grow options
L5
Q5
HT8050
L4
Q4
HT8050
L3
Q3
HT8050
L2
Q2
HT8050
L1
Q1
HT8050
L5
L4
L3
L2
L1
VDD
RESET
GO
L6
ALLON
L5
RT
L4
CT
L3
RC
L2
MODE
L1
16
2
15
3
14
4
13
5
12
6
11
7
10
7350-2
VSS
FLASH
8
9
L5
L4
L3
L2
L1
12VDC
C2
102
1M
104
C1
104
104
1K
1K
1K
1K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com