| Electronic Components Datasheet Search |
|
LS3263 Datasheet(PDF) 8 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3263 Datasheet(HTML) 8 Page - BOWIN ELECTRONIC CO. |
|
8 / 9 page ![]() LSI LS 3263 6 Dot Animation 4 Digit Alarm Clock With Calendar Display dots in Accumulated mode Display dots in Accumulated mode Display dots in Accumulated mode Display dots in Accumulated mode Stage1 All Dots Off. Stage2 D1. Stage3 D1 and D2. Stage4 D1, D2 and D3. Stage5 [D1, D2, D3 and D4] or [jump to stage1 (depend total number of dots option). Stage6 [D1, D2, D3, D4 and D5] or [jump to stage1 (depend total number of dots option). Stage7 [D1, D2, D3, D4, D5 and D6] or [jump to stage1 (depend total number of dots option). Stage8 jump to stage1. Display dots in Special pattern mode Display dots in Special pattern mode Display dots in Special pattern mode Display dots in Special pattern mode Stage1 All Dots Off. Stage2 D1 and D2. Stage3 D2 and D3. Stage4 D3 and D4. Stage5 [D4 and D5] or [jump to stage1 (depend total number of dots option). Stage6 [D5 and D6] or [jump to stage1 (depend total number of dots option). Stage7 jump to stage1. Display dots in One By One mode Display dots in One By One mode Display dots in One By One mode Display dots in One By One mode Stage1 All Dots Off. Stage2 D1. Stage3 D2. Stage4 D3. Stage5 [D4] or [jump to stage1 (depend total number of dots option). Stage6 [D5] or [jump to stage1 (depend total number of dots option). Stage7 [D6] or [jump to stage1 (depend total number of dots option). Stage8 jump to stage1. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |