Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1461SA Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SL1461SA
Description  Wideband PLL FM Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1461SA Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SL1461SA Datasheet HTML 1Page - Mitel Networks Corporation SL1461SA Datasheet HTML 2Page - Mitel Networks Corporation SL1461SA Datasheet HTML 3Page - Mitel Networks Corporation SL1461SA Datasheet HTML 4Page - Mitel Networks Corporation SL1461SA Datasheet HTML 5Page - Mitel Networks Corporation SL1461SA Datasheet HTML 6Page - Mitel Networks Corporation SL1461SA Datasheet HTML 7Page - Mitel Networks Corporation SL1461SA Datasheet HTML 8Page - Mitel Networks Corporation SL1461SA Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
SL1461SA
41
250
°C/W
mW
kV
kV
ABSOLUTE MAXIMUM RATINGS cont.
All voltages are referred to VEE at 0V
Min.
Typ.
Max.
MP16 package thermal resistance,
chip to case
Power consumption at 5.5V
ESD protection - pins 1 to 15
ESD protection - Pin 16
Conditions
Characteristics
2
1.7
Mil-std-883 method 3015 class 1
Mil-std-883 method 3015 class 1
Fig.3 Standard application circuit
16
116
89
2
4
3
5
6
7
10
11
12
13
14
15
2K
AGC BIAS
AFC WINDOW ADJUST
50K
27K
100nF
47 F
+5V
47nF
100nF
5K1
4n7
4K7
1nF
RF INPUT
1nF
47 F
1K2
1K2
4K7
VIDEO OUTPUT
470nF
BB515
BB515
100pF
100pF
RV1
RV2
R6
C3
C4
1nF
C12
C2
C1
R1
C11
TP1
TP2
C10
R5
R4
C9
C8
C7
R3
C6
TP3
D2
D1
C5
R2
TP4
FUNCTIONAL DESCRIPTION
The SL1461SA is a wideband PLL FM demodulator,
optimised for application in satellite receiver systems and
requiring a minimum external component count. It contains all
the elements required for construction of a phase locked loop
circuit, with the exception of tuning components for the local
oscillator, and an AFC detector circuit for generation of error
signal to correct for any frequency drift in the outdoor unit local
oscillator. A block diagram is contained in Fig. 2 and the typical
application in Fig. 3.
The internal pin connections are contained in Fig.6/6a
In normal applications the second satellite IF frequency of
typically 402 or 479.5MHz is fed to the RF preamplifier, which
has a working sensitivity of typically -40 dBm, depending on
application and layout. The preamplifier contains an RF level
detect circuit, which generates an AGC signal that can be used
for controlling the gain of the IF amplifier stages, so maintaining
a fixed level to the RF input of the SL1461SA, for optimum
threshold performance. The bias point of the AGC circuit can
be adjusted to cater for variation in AGC line voltage
requirement and device input power. The typical AGC curves
are shown in Fig. 9. It is recommended that the device is
operated with an input signal between -30 and -35dBm. This
ensures optimum linearity and threshold performance, and
gives a good safety margin over the typical sensitivity of
-40dBm.
The output of the preamplifier is fed to the mixer section
which is of balanced design for low radiation. In this stage the
RF signal is mixed with the local oscillator frequency, which is
generatedby an on–board oscillator. The oscillator block uses
an external varactor tuned sustaining network and is optimised
for high linearity over the normal deviation range. A typical
frequency versus voltage characteristic for the oscillator is
contained in Fig. 7. The loop output is designed to compensate
for first order temperature variation effects; the typical stability
is shown in Fig. 8
The output of the mixer is then fed to the loop amplifier
around which feedback is applied to determine loop transfer
characteristic . Feedback can be applied either in differential or
single ended mode; if the appropriate phase detector gains are
assumed in calculating loop filters, both modes should give the
same loop response.
The loop amplifier drives a 75
Ω output impedance buffer
amplifier, which can either be connected to a 75
Ω load or used
to drive a high input impedance stage giving greater linearity
and approximately 6dB higher demodulated signal output
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com