Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1461SA Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SL1461SA
Description  Wideband PLL FM Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1461SA Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SL1461SA Datasheet HTML 1Page - Mitel Networks Corporation SL1461SA Datasheet HTML 2Page - Mitel Networks Corporation SL1461SA Datasheet HTML 3Page - Mitel Networks Corporation SL1461SA Datasheet HTML 4Page - Mitel Networks Corporation SL1461SA Datasheet HTML 5Page - Mitel Networks Corporation SL1461SA Datasheet HTML 6Page - Mitel Networks Corporation SL1461SA Datasheet HTML 7Page - Mitel Networks Corporation SL1461SA Datasheet HTML 8Page - Mitel Networks Corporation SL1461SA Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SL1461SA
DESIGN OF PLL LOOP PARAMETERS
Fig.4
VCO
R2
C1
BASEBAND OUTPUT
R1
RF INPUT
GAIN = K0 RAD SEC/VOLT
GAIN = KD VOLT/RAD
The SL1461SA is normally used as a type 1 second order
loop and can be represented by the above diagram. For such
a system the following parameters apply;
1
2
1
K
0KD
2
n
2
2
n
and
where:
K0 is the VCO gain in radian seconds per volt
KD is the phase detector gain in volts per radian
n is the natural loop bandwidth
is the loop damping factor
R1 is loop amplifier input impedance
Note:
K0 is dependant on sensitivity of VCO used.
KD = 0.25V/rad single ended, 0.5V/rad differential
From these factors the loop 3dB bandwidth can be determined
from the following expression;
AFC FACILITY
The SL1461SA contains an analog frequency error detect
circuit, which generates DC voltage proportional to the integral
of frequency error. If the incident RF is high then the AFC
voltage increases, if low then the voltage decreases. The AFC
voltage can then be converted by an ADC to be read by the
micro controller for frequency fine tuning; if used in an I2C
system it is recommended the device is used with either the
SP5055 or SP5056 frequency synthesiser which contains an
internal ADC readable via the I2C bus.
The voltage corresponding to frequency alignment is
arbitrary and user defined; if used with the SP5055 it is
suggested the aligned voltage is 0.375 VCC , corresponding to
the centre code of the ADC on port 6.
The AFC detect circuit contains a deadband centre
around the aligned frequency. The deadband can be adjusted
from zero window to approximately 25MHz width assuming an
oscillator dF/dV of 15MHz/V. If the incident RF is within this
window the AFC voltage does not integrate, except by
component leakage.
With reference to Fig.5; in normal operation the
demodulated video is fed to a dual comparator where it is
compared with two reference voltages, corresponding to the
extremes of the deadband, or window. These voltages are
variable and set by the window adjust input.
The comparators produce two digital outputs
corresponding to voltages above or below the voltage window,
or frequency above or below deadband. These digital control
signals are used to control a complimentary current source
pump. The current signals are then fed to the input of an
amplifier which is arranged as an integrator, so integrating the
pulses into a DC voltage.
If the frequency is correctly aligned both the current
source and sink are disabled, therefore the DC output voltage
remains constant. There will be a small drift due to component
leakage; the maximum drift can be calculated from;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com