Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6679 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SL6679
Description  Direct Conversion FSK Data Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6679 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SL6679 Datasheet HTML 1Page - Mitel Networks Corporation SL6679 Datasheet HTML 2Page - Mitel Networks Corporation SL6679 Datasheet HTML 3Page - Mitel Networks Corporation SL6679 Datasheet HTML 4Page - Mitel Networks Corporation SL6679 Datasheet HTML 5Page - Mitel Networks Corporation SL6679 Datasheet HTML 6Page - Mitel Networks Corporation SL6679 Datasheet HTML 7Page - Mitel Networks Corporation SL6679 Datasheet HTML 8Page - Mitel Networks Corporation SL6679 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
SL6679
ELECTRICAL CHARACTERISTICS (1) (Cont.)
Electrical Characteristics (1) are guaranteed over the following range of operating conditions unless otherwise stated
T
AMB =
125
°C, V
CC1 = 1·3V, VCC2 = 2·7V
Characteristic
Value
Typ.
Min.
LO inputs (12, 14) driven in quadrature:
45mVrms at 450MHz, CW.
Mixer inputs (3, 5) driven differentially:
0·45mVrms at 450·004MHz, CW.
As gain to TPI
As gain toTPI
TPI, TPQ signals limiting
No signal applied
fC = fLO14·5kHz, CW
fC = fLO12·5kHz, CW
fC = fLO16·5kHz, CW
2400 baud
1200 baud
512 baud
Pin 26 logic high
Pin 26 logic low
Pin 26 logic tristate (open circuit)
VCC1
42
42
0
45
0·0
IAFC4k5
10·7
IAFC4k5
20·9
3·5
1·7
0·74
Conditions
Mixers
LO DC bias voltage
Gain to TPI
Gain to TPQ
Match of gain to TPI
and TPQ
Audio AGC
IAGC OP max. sink current
IAGC OP leakage current
AFC
AFC DC current, IAFC4k5
AFC DC current
AFC DC current
Bit Rate Filter Control
BRF CNT input logic high
BRF CNT input logic low
Tristate I/P current window
BRF 1 output current
BRF 1 output current
BRF 1 output current
BRF CNT input high current
BRF CNT input low current
Pin
12,14
3,5,8,12
3,5,14,
17
3,5,8,
12,14,17
30
30
19
19
19
26
26
26
27
27
27
26
26
38
38
21
IAFC4k5
10·2
VCC2
20·3
0
20·4
27·5
27·5
Max.
46
46
11
1
IAFC4k5
20·2
VCC2
0·1
10·4
115
17·5
V
dB
dB
dB
µA
µA
µA
µA
µA
V
V
µA
µA
µA
µA
µA
µA
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com