Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6679 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SL6679
Description  Direct Conversion FSK Data Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6679 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SL6679 Datasheet HTML 1Page - Mitel Networks Corporation SL6679 Datasheet HTML 2Page - Mitel Networks Corporation SL6679 Datasheet HTML 3Page - Mitel Networks Corporation SL6679 Datasheet HTML 4Page - Mitel Networks Corporation SL6679 Datasheet HTML 5Page - Mitel Networks Corporation SL6679 Datasheet HTML 6Page - Mitel Networks Corporation SL6679 Datasheet HTML 7Page - Mitel Networks Corporation SL6679 Datasheet HTML 8Page - Mitel Networks Corporation SL6679 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
SL6679
ELECTRICAL CHARACTERISTICS (2)
Electrical Characteristics (2) are guaranteed over the following range of operating conditions unless otherwise stated.
Characteristics are tested at room temperature only and are guaranteed by characterisation test or design.
T
AMB =
210
°C to 155°C, V
CC1 = 1·4V to 2·0V, VCC2 = 2·3V to 3·2V. VCC1,VCC220·8V
0·95
1·9
0·93
0·25
375
1·13
22
7:9
VCC220·3V
0
21·5
21·5
1·04
2
20
21·5
21·5
Characteristic
Value
Typ.
Max.
Min.
VCC1<VCC220·8V at >25°C only
Including IRF
ILOAD = 3mA, external PNP(b>100, VCE = 0·1V)
External PNP(hFE>100, VCE = 0·1V)
PTAT, voltage on pin 1 = 0·3V and 1·3V
Typical temperature coefficient = 10·1mV/
°C
Stable data O/P when 3dB above sensitivity.
CVREF = 2·2µF
Fall to 10% of steady state ICC1. CVREF = 2·2µF
Output logic low, pin 21 voltage = 0·3V
Output logic high, pin 21 voltage = VCC2
Preamble at 1200 baud, Df = 4kHz,
pin 26 = 0V, BRF capacitor = 560pF,
DATA OP pullup resistor = 200k
Ω
Pin 20 = logic low
Pin 20 = logic low
Powered up
Powered down
Powered up
Powered down
Current sunk by pin 23 = 1
µA
Pin 28 voltage = 1·04V
Pin 28 voltage = 1·12V
Pin 28 voltage = 1·14V
VBATT = 1·14V
VBATT = 1·04V
V
V
mA
µA
V
mA
µA
V
µA
µA
ms
ms
µA
µA
µA
µA
V
V
µA
µA
V
µA
µA
µA
V
µA
µA
2·7
3·5
2·4
510
1·05
3
800
1·33
18
0·8
1·5
9:7
12
12
VCC2
0·3
1·5
1·5
1·12
2
2·0
1·5
1·5
1·3
2·7
1·60
350
1·0
500
1·25
9
2
0·5
2·0
1·08
Conditions
Units
Supply voltage, VCC1
Supply voltage, VCC2
Supply current, ICC1
Supply current, ICC2
1 volt regulator, VREG
1 volt regulator load current
LNA current source, IRF
Reference voltage, VREF
VREF source current
VREF sink current
Turn-on time
Turn-off time
Data Amplifier
DATA OP sink current
DATA OP leakage current
Output mark:space ratio
Battery Economy
Power down ICC1
Power down ICC2
BEC input logic high
BEC input logic low
BEC input current
BEC input current
Battery Flag
VBATT trigger point
BATT FLAG sink current
BATT FLAG sink current
BATT FLAG sink current
VBATT input voltage
VBATT input current
VBATT input current
Pin
11
22
11
22
7
7
1
18
18
18
21
21
21
11
22
20
20
20
20
28
23
23
23
28
28
28
Continued…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com