Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5876AM Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5876AM
Description  3rd-order, 2-channel D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876AM Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5876AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—4
3 V operation: DVSS = AVSS = XVSS = 0 V, AVDD = AVDDL = AVDDR, CKSL = LOW (384fs)
DC Electrical Characteristics
5 V operation: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 4.5 to 5.5 V, AVDD = AVDDL = AVDDR,
Ta = −40 to 85 °C
3 V operation: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 2.7 to 4.5 V, AVDD = AVDDL = AVDDR,
Ta = −20 to 70 °C
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDD, XVDD
2.7 to 4.5
V
Supply voltage variation
DVDD − XVDD,
DVDD − AVDD,
XVDD − AVDD,
DVSS − XVSS,
DVSS − AVSS,
XVSS − AVSS
±0.1
V
Operating temperature range
Topr
−20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD digital supply current1
1. DVDD = AVDD = XVDD = 5 V, CKSL = HIGH (768fs), XTI clock input frequency fXTI = 33.8688 MHz, no output load, NPC-standard input data pattern.
IDDD
–15
25
mA
XVDD system clock supply current1
IDDX
–6
10
mA
AVDD analog supply current1
IDDA
Total current
–
1
2
mA
XTI HIGH-level input voltage
VIH1
Clock input
0.7XVDD
––
V
XTI LOW-level input voltage
VIL1
Clock input
–
–
0.3XVDD
V
XTI AC-coupled input voltage
VINAC
0.3XVDD
––
Vp-p
HIGH-level input voltage2
2. Pins MLEN, CKSL, BCKI, DI, LRCI, TSTN, MCK, MDT.
VIH2
2.4
–
–
V
LOW-level input voltage2
VIL2
–
–
0.5
V
HIGH-level output voltage3
3. Pins LO, LON, RO, RON,MUTEO.
VOHA
IOH = −1 mA
AVDD − 0.4
–
–
V
LOW-level output voltage3
VOLA
IOL = 1 mA
–
–
0.4
V
CKO HIGH-level output voltage
VOHC
IOH = −1 mA
DVDD − 0.4
–
–
V
CKO LOW-level output voltage
VOLC
IOL = 1 mA
–
–
0.4
V
XTI HIGH-level input current
IIH1
VIN = XVDD
–12
25
µA
XTI LOW-level input current
IIL1
VIN = 0 V
–
12
25
µA
LOW-level input current2
IIL2
VIN = 0 V
–
12
25
µA
Input leakage current2
ILH
VIN = DVDD
–
–
1.0
µA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD digital supply current1
IDDD
–69
mA
XVDD system clock supply current1
IDDX
–
1.5
3
mA
AVDD analog supply current1
IDDA
Total current
–
0.5
1
mA
XTI HIGH-level input voltage
VIH1
Clock input
0.7XVDD
––
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com