Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5876AM Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5876AM
Description  3rd-order, 2-channel D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876AM Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5876AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—11
AC Measurement Circuit and Conditions
Measurement circuit block diagram
Measurement conditions
Parameter1
1. Pins LO and RO should have an output load of 10 k
Ω (min).
Symbol
3346A left/right-channel selector
switch
AD725C distortion analyzer with
built-in filter
Total harmonic distortion
THD
+ N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Output level
Vout
Dynamic range
DR
D-RANGE
Signal-to-noise ratio
S/N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
JIS A filter ON
Channel separation
Ch. Sep
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Signal
Generator
Evaluation
Board
L/R Channel
Selector
Distortion
Analyzer
CKO
(768fs/384fs)
BCK
LRCK(fs)
DATA
Left Channel
Right Channel
fs= 44.1kHz
DATA= 16bit
10k
Ω Input Impedance
NF Corporation 3346A
RMS Measurement
Shibasoku AD725C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com