Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP520SCG Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # VP520SCG
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520SCG Datasheet(HTML) 3 Page - Mitel Networks Corporation

  VP520SCG Datasheet HTML 1Page - Mitel Networks Corporation VP520SCG Datasheet HTML 2Page - Mitel Networks Corporation VP520SCG Datasheet HTML 3Page - Mitel Networks Corporation VP520SCG Datasheet HTML 4Page - Mitel Networks Corporation VP520SCG Datasheet HTML 5Page - Mitel Networks Corporation VP520SCG Datasheet HTML 6Page - Mitel Networks Corporation VP520SCG Datasheet HTML 7Page - Mitel Networks Corporation VP520SCG Datasheet HTML 8Page - Mitel Networks Corporation VP520SCG Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VP520S
3
The first video line to be filtered and stored will be derived
from the vertical reference input ( VREF). The user can choose
the number of transitions of the HREF input which must occur,
after VREF has gone active, before starting the filter opera-
tion. Data is then not written to the DRAM until after the
pipeline delay through the filters.
The VP520S only expects to use one field of CCIR601
video, which can be selected by the FREF input or internal
logic. A bit in Control Register 1 ( Internal / External Field
Detect ) determines which option is to be used. An additional
Field Select Bit determines whether the field selected should
correspond to FREF being high or low. When the Field Select
Bit and the input are at the same logical level then that field is
used. Note that FREF transitions must be coincident with
active going VREF transitions.
Internal logic is provided which determines the field ( Field
1 ) in which VREF goes active in less than half a line period
after the HREF input last went active.The half line period is
determined by VREF going active between 1 and 432 CREF
qualified SCLK edges after HREF went active (1-429 in NTSC
mode). Note that coincident VREF and HREF edges will
indicate this field on the first CREF qualified SCLK edge.
This logic is used, rather than the FREF input, when the
Internal / External Field Detect Bit is low. Field 1 is selected
when the Field Select in Control register 1 is low, and Field 2
is used when the bit is high.
In the Split Screen mode this logic is overridden, and both
fields are actually used. External logic is assumed to switch
between two sources of video, one for each field. The internal
DRAM address generator is modified such that half area
pictures from the centre of each source are actually stored as
CIF/QCIF data. The first line used in each field will be 72 line
delays in addition to the number which has been defined by the
user. The split screen option is not supported in the QCIF
mode of operation, and a reset is needed after a mode change
in CIF.
The VP520S will insert zero's into the line delays during
vertical blanking. This ensures that all the filter accumulators
are cleared and the edges of the picture are correctly proc-
essed. The horizontal filters always give the required results
since four decimated values are ignored at either side of the
picture.
Incoming luminance data could have a black level of 16,
which will be shifted if the filter coefficients are not chosen to
exactly give a gain of unity. A Control Bit is thus provided,
which when set causes 16 to be subtracted from incoming
Fig 3 : Macroblock Output Timing
luminance. A black level of zero will then stay as zero through-
out the filter operation. At the output of the filters 16 is always
added to the results, regardless of the state of the Control Bit.
Saturation logic ensures that these addition / subtraction
operations do not produce negative results or values greater
than 254.
A Control Bit is also provided which selects between colour
difference inputs and true Cr Cb chrominance values. Cr Cb
values are 8 bit positive only numbers, with black levels of 128.
These must be converted to two's complement signed num-
bers by subtracting 128, thus giving a black level of zero
through the filters. The outputs of the filters are always
converted to positive only Cr Cb values by adding 128 to the
results, regardless of the state of the Control Bit.
COPING WITH SYNC JITTER
When input syncs to the VP520S have jitter, due to the use
of a composite video decoder which does not produce a line
locked clock, it is necessary to use an external FIFO line
buffer. For this reason the VP520S supports a system in which
external line buffer writes are controlled by the video source
and line reads are controlled by the VP520S. The VP520S in
the decode loop is assumed to be supplying sync to the
VP520S in the encode loop, but the sync generator must be
reset at the start of a frame to be in step with the video source.
Two pins have been supplied to support this situation, namely:
VRST - pin 34, and FRST - pin 36. The falling edge of VRST
(frame start identifier) when FRST (field identifier) is low
identifies the start of the frame. These two inputs can typically
be supplied by the Brooktree Bt812 Composite Video De-
coder. Note that Host Address 3 must be programmed with
the value 02 Hex to enable the reset operation.
CIF/QCIF MACROBLOCK OUTPUTS
When producing decimated CIF/QCIF data in macroblock
format, the device raises a flag when a frame of data is ready
for reading from the frame store ( FSIG ). The FSIG pin is
automatically configured as an output in the decimate mode,
but will only stay active (high) for the time given in Figure 3. If
a Request Macroblock response (REQYUV) is not obtained
during this period, then FSIG will be taken low and the frame
of data presently available will be ignored. It will go high again
when a new frame of data is available.
FSIG
O/P
REQYUV
I/P
20ns
max
10ns
min
First O/P Valid
O/P Valid
MCLK
O/P
DATA
O/P
2ns
min
20ns max
20ns max
20ns max
60 SYSCLK Max , 10SYSCLK Min
Stays high for 11440 (NTSC) or 13284 (PAL) SCLKs if REQYUV not received
20ns max
SYSCLK
33ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com