Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8671MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP8671MA/NOPB
Description  Single, Dual, and Quad 40V Low Noise Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8671MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP8671MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
20
100
1k
10k 20k
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
FREQUENCY (Hz)
20
100
1k
10k 20k
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
FREQUENCY (Hz)
20
100
1k
10k 20k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (Hz)
20
100
1k
10k 20k
140
130
120
110
100
90
80
70
60
50
40
FREQUENCY (Hz)
VRMS
10m
100m
1
10 20
0.00005
0.00002
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
0.01
20
200
2k
20k
100
50
500 1k
5k 10k
FREQUENCY (Hz)
0.00002
0.00005
0.0002
0.0005
0.00001
0.0001
0.001
LMP8671, LMP8672, LMP8674
www.ti.com
SNOSB39B – JULY 2011 – REVISED MARCH 2013
Typical Performance Characteristics
THD+N vs Frequency
+VCC = –VEE = 15V, VO = 3VRMS,
THD+N vs Output Voltage
RL = 600Ω
VCC = 2.5V, VEE = –2.5V, RL = 600 Ω
Figure 4.
Figure 5.
PSRR+ vs Frequency
PSRR– vs Frequency
VCC = 2.5V, VEE = –2.5V,
VCC = 2.5V, VEE = –2.5V,
RL = 2kΩ, VRIPPLE = 200mVPP
RL = 2kΩ, VRIPPLE = 200mVPP
Figure 6.
Figure 7.
PSRR+ vs Frequency
PSRR– vs Frequency
VCC = 15V, VEE = –15V,
VCC = 15V, VEE = –15V,
RL = 2kΩ, VRIPPLE = 200mVPP
RL = 2kΩ, VRIPPLE = 200mVPP
Figure 8.
Figure 9.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com