Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8671MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP8671MA/NOPB
Description  Single, Dual, and Quad 40V Low Noise Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8671MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8671MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8671MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FREQUENCY (Hz)
-50
-150
-100
0
10
100
10k
100k
1k
FREQUENCY (Hz)
-50
-150
-100
0
10
100
10k
100k
1k
FREQUENCY (Hz)
-50
-150
-100
0
10
100
10k
100k
1k
FREQUENCY (Hz)
10
100
10k
100k
1k
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k 20k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (Hz)
20
100
1k
10k 20k
140
130
120
110
100
90
80
70
60
50
40
FREQUENCY (Hz)
LMP8671, LMP8672, LMP8674
SNOSB39B – JULY 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
PSRR+ vs Frequency
PSRR– vs Frequency
VCC = 15V, VEE = –15V,
VCC = 15V, VEE = –15V,
RL = 600Ω, VRIPPLE = 200mVPP
RL = 600Ω, VRIPPLE = 200mVPP
Figure 10.
Figure 11.
CMRR vs Frequency
CMRR vs Frequency
VCC = 15V, VEE = –15V, RL = 600Ω
VCC = 15V, VEE = –15V, RL = 2kΩ
Figure 12.
Figure 13.
CMRR vs Frequency
CMRR vs Frequency
VCC = 2.5V, VEE = –2.5V, RL = 600Ω
VCC = 2.5V, VEE = –2.5V, RL = 2kΩ
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com