Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6AM13 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  6AM13 Datasheet HTML 1Page - Hitachi Semiconductor 6AM13 Datasheet HTML 2Page - Hitachi Semiconductor 6AM13 Datasheet HTML 3Page - Hitachi Semiconductor 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6AM13
5
–20
–2
–5
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
–16
–4
–1
–3
–4
0
–8
–12
VDS = –10 V
Pulse Test
TC = 25°C
75°C
–25°C
–2.0
–4
–10
Gate to Source Voltage VGS (V)
–1.6
–0.4
–2
–6
–8
0
–0.8
–1.2
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
ID = –2 A
Pulse Test
–5 A
–10 A
–15 A
0.5
–5
–50
Drain Current ID (A)
0.2
0.02
–2
–10
–20
0.01
0.05
0.1
Static Drain to Source on State
Resistance vs. Drain Current
Pulse Test
–1
0.005
–100
VGS = –4 V
–10 V
0.25
40
160
Case Temperature TC (°C)
0.20
0.05
0
80
120
0
0.10
0.15
Static Drain to Source on State
Resistance vs. Temperature
Pulse Test
–40
–10 A
–2, –5 A
VGS = –4 V
VGS = –10 V
–2, –5, –10 A
–15 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com