Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6AM13 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor 6AM13 Datasheet HTML 10Page - Hitachi Semiconductor 6AM13 Datasheet HTML 11Page - Hitachi Semiconductor 6AM13 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
6AM13
10
Typical Capacitance vs.
Drain to Source Voltage
10000
3000
1000
300
30
10
010
20
50
Drain to Source Voltage VDS (V)
30
100
40
VGS = 0
f = 1MHz
Ciss
Coss
Crss
100
80
60
40
20
08
24
32
Gate Charge Qg (nc)
16
20
16
12
8
4
0
Dynamic Input Characteristics
40
ID = 15 A
VDS
VGS
VDD = 50 V
10 V
25 V
VDD = 50 V
25 V
10 V
Switching Characteristics
500
200
100
50
20
10
5
0.2
0.5
1.0
2
5
20
Drain Current ID (A)
10
td (off)
tf
tr
td (on)
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1 %
•
•
20
16
12
8
4
0
0.4
1.2
1.6
2.0
Source to Drain Voltage VSD (V)
0.8
Reverse Drain Current vs.
Source to Drain Voltage
VGS = 0, – 5 V
Pulse Test
10 V
15 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com