Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP421 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP421
Description  Photocoupler GaAs Ired & Photo - Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP421 Datasheet HTML 1Page - Toshiba Semiconductor TLP421 Datasheet HTML 2Page - Toshiba Semiconductor TLP421 Datasheet HTML 3Page - Toshiba Semiconductor TLP421 Datasheet HTML 4Page - Toshiba Semiconductor TLP421 Datasheet HTML 5Page - Toshiba Semiconductor TLP421 Datasheet HTML 6Page - Toshiba Semiconductor TLP421 Datasheet HTML 7Page - Toshiba Semiconductor TLP421 Datasheet HTML 8Page - Toshiba Semiconductor TLP421 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP421
2002-09-25
7
30
1.0
0.8
0.4
0.6
0.2
20
10
0
0
1.2
50
10
Collector-emitter voltage VCE (V)
20
5
IF= 2 mA
30
IC – VCE
40
50
10
Collector-emitter voltage VCE (V)
IC – VCE
80
10
8
4
6
0
2
60
40
20
0
20 15
IF=5mA
30
IC – IF
Forward current IF (mA)
100
10
0.1
1
0.1
1
10
100
Sample A
Sample B
0.01
Ta = 25°C
VCE = 5V
VCE = 0.4V
IC /IF – IF
Forward current IF (mA)
1000
100
3
10
0.1
1
10
100
Sample A
Sample B
Ta = 25°C
VCE = 5V
VCE = 0.4V
ID – Ta
Ambient temperature Ta (℃)
10
1
0.1
80
60
40
20
0
001
0.001
0.0001
10
VCE=24 V
5
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com