Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP421 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP421
Description  Photocoupler GaAs Ired & Photo - Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP421 Datasheet HTML 1Page - Toshiba Semiconductor TLP421 Datasheet HTML 2Page - Toshiba Semiconductor TLP421 Datasheet HTML 3Page - Toshiba Semiconductor TLP421 Datasheet HTML 4Page - Toshiba Semiconductor TLP421 Datasheet HTML 5Page - Toshiba Semiconductor TLP421 Datasheet HTML 6Page - Toshiba Semiconductor TLP421 Datasheet HTML 7Page - Toshiba Semiconductor TLP421 Datasheet HTML 8Page - Toshiba Semiconductor TLP421 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP421
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP421
Office Equipment
Household Appliances
Solid State Relays
Switching Power Supplies
Various Controllers
Signal Transmission Between Different Voltage Circuits
The TOSHIBA TLP421 consists of a silicone photo−transistor optically
coupled to a gallium arsenide infrared emitting diode in a four lead
plastic DIP (DIP4) with having high isolation voltage
(AC: 5kVRMS (min)).
· Collector-emitter voltage: 80V (min.)
· Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
· Isolation voltage: 5000Vrms (min.)
· UL recognized: UL1577
· BSI approved: BS EN60065: 1994
Approved no.8411
BS EN60950: 1992
Approved no.8412
· SEMKO approved: EN60065, EN60950, EN60335
Approved no.9910249/01
Pin Configurations
(top view)
1
2
3
4
1 : Anode
2 : Cathode
3 : Emitter
4 : Collector
Unit in mm
TOSHIBA
11−5B2
Weight: 0.26 g


Similar Part No. - TLP421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
More results

Similar Description - TLP421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
4N29 TOSHIBA-4N29 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281 TOSHIBA-TLP281_07 Datasheet
271Kb / 8P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com