Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8255 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC8255
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8255 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC8255 Datasheet HTML 6Page - Motorola, Inc MPC8255 Datasheet HTML 7Page - Motorola, Inc MPC8255 Datasheet HTML 8Page - Motorola, Inc MPC8255 Datasheet HTML 9Page - Motorola, Inc MPC8255 Datasheet HTML 10Page - Motorola, Inc MPC8255 Datasheet HTML 11Page - Motorola, Inc MPC8255 Datasheet HTML 12Page - Motorola, Inc MPC8255 Datasheet HTML 13Page - Motorola, Inc MPC8255 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
IOL = 5.3mA
CS[0-9]
CS(10)/BCTL1
CS(11)/AP(0)
BADDR[27–28]
ALE
BCTL0
PWE(0:7)/PSDDQM(0:7)/PBS(0:7)
PSDA10/PGPL0
PSDWE/PGPL1
POE/PSDRAS/PGPL2
PSDCAS/PGPL3
PGTA/PUPMWAIT/PGPL4/PPBS
PSDAMUX/PGPL5
LWE[0–3]LSDDQM[0–3]/LBS[0–3]/PCI_CFG[0–33
LSDA10/LGPL0/PCI_MODCKH03
LSDWE/LGPL1/PCI_MODCKH13
LOE/LSDRAS/LGPL2/PCI_MODCKH23
LSDCAS/LGPL3/PCI_MODCKH33
LGTA/LUPMWAIT/LGPL4/LPBS
LSDAMUX/LGPL5/PCI_MODCK3
LWR
MODCK1/AP(1)/TC(0)/BNKSEL(0)
MODCK2/AP(2)/TC(1)/BNKSEL(1)
MODCK3/AP(3)/TC(2)/BNKSEL(2)
IOL = 3.2mA
L_A14/PAR3
L_A15/FRAME3/SMI
L_A16/TRDY3
L_A17/IRDY3/CKSTP_OUT
L_A18/STOP3
L_A19/DEVSEL3
L_A20/IDSEL3
L_A21/PERR3
L_A22/SERR3
L_A23/REQ03
L_A24/REQ13/HSEJSW3
L_A25/GNT03
L_A26/GNT13/HSLED3
L_A27/GNT23/HSENUM3
L_A28/RST3/CORE_SRESET
L_A29/INTA3
L_A30/REQ23
L_A31
LCL_D(0-31)/AD(0-31)3
LCL_DP(0-3)/C/BE(0-3)3
PA[0–31]
PB[4–31]
PC[0–31]
PD[4–31]
TDO
VOL
—
0.4
V
1 The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
2 The leakage current is measured for nominal VDD, VCCSYN, and VDD.
3 MPC8265 and MPC8266 only.
Table 3. DC Electrical Characteristics1 (Continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com