Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM99 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM99
Description  LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM99 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM99_15 Datasheet HTML 13Page - Texas Instruments LM99_15 Datasheet HTML 14Page - Texas Instruments LM99_15 Datasheet HTML 15Page - Texas Instruments LM99_15 Datasheet HTML 16Page - Texas Instruments LM99_15 Datasheet HTML 17Page - Texas Instruments LM99_15 Datasheet HTML 18Page - Texas Instruments LM99_15 Datasheet HTML 19Page - Texas Instruments LM99_15 Datasheet HTML 20Page - Texas Instruments LM99_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
Command Select Address
Power On Default State
Register
Register Function
Name
Read Address
Write Address
<D7:D0> binary
<D7:D0>
<P7:P0> hex
<P7:P0> hex
decimal
10h
NA
0000 0000
0
RTLB
Remote Temperature Low Byte
11h
11h
0000 0000
0
RTOHB
Remote Temperature Offset High
Byte
12h
12h
0000 0000
0
RTOLB
Remote Temperature Offset Low
Byte
13h
13h
0000 0000
0
RHSLB
Remote HIGH Setpoint Low Byte
14h
14h
0000 0000
0
RLSLB
Remote LOW Setpoint Low Byte
19h
19h
0110 1110
110
RCS
Remote T_CRIT Setpoint
20h
20h
0101 0101
85
LCS
Local T_CRIT Setpoint
21h
21h
0000 1010
10
TH
T_CRIT Hysteresis
B0h-BEh
B0h-BEh
Manufacturers Test Registers
BFh
BFh
0000 0000
0
RDTF
Remote Diode Temperature Filter
FEh
NA
0000 0001
1
RMID
Read Manufacturer's ID
FFh
NA
LM99 0011 0001
49
RDR
Read Stepping or Die Revision Code
LM99-1 0011 0100
52
LOCAL and REMOTE TEMPERATURE REGISTERS (LT, RTHB, RTLB)
Table 3. (Read Only Address 00h, 01h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LT and RTHB D7–D0: Temperature Data. LSB = 1°C. Two's complement format.
Table 4. (Read Only Address 10h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0
0
0
0
0
For RTLB D7–D5: Temperature Data. LSB = 0.125°C. Two's complement format.
The maximum value available from the Local Temperature register is 127; the minimum value available from the
Local Temperature register is -128. The maximum value available from the Remote Temperature register is
127.875; the minimum value available from the Remote Temperature registers is
−128.875.
Note that the remote diode junction temperature is actually 16°C higher than the Remote Temperature Register
value.
STATUS REGISTER (SR)
Table 5. (Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
Busy
LHIGH
LLOW
RHIGH
RLOW
OPEN
RCRIT
LCRIT
Power up default is with all bits “0” (zero).
D0: LCRIT: When set to “1” indicates a Local Critical Temperature alarm.
D1: RCRIT: When set to “1” indicates a Remote Diode Critical Temperature alarm.
D2: OPEN: When set to “1” indicates a Remote Diode disconnect.
D3: RLOW: When set to “1” indicates a Remote Diode LOW Temperature alarm
D4: RHIGH: When set to “1” indicates a Remote Diode HIGH Temperature alarm.
D5: LLOW: When set to “1” indicates a Local LOW Temperature alarm.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com