Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM99 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM99
Description  LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM99 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM99_15 Datasheet HTML 14Page - Texas Instruments LM99_15 Datasheet HTML 15Page - Texas Instruments LM99_15 Datasheet HTML 16Page - Texas Instruments LM99_15 Datasheet HTML 17Page - Texas Instruments LM99_15 Datasheet HTML 18Page - Texas Instruments LM99_15 Datasheet HTML 19Page - Texas Instruments LM99_15 Datasheet HTML 20Page - Texas Instruments LM99_15 Datasheet HTML 21Page - Texas Instruments LM99_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
D6: LHIGH: When set to “1” indicates a Local HIGH Temperature alarm.
D7: Busy: When set to “1” ADC is busy converting.
CONFIGURATION REGISTER
Table 6. (Read Address 03h / Write Address 09h):
D7
D6
D5
D4
D3
D2
D1
D0
Remote T_CRIT_A
Local T_CRIT_A mask
ALERT mask
RUN/STOP
0
0
0
Fault Queue
mask
Power up default is with all bits “0” (zero)
D7: ALERT mask: When set to “1” ALERT interrupts are masked.
D6: RUN/STOP: When set to “1” SHUTDOWN is enabled.
D5: is not defined and defaults to “0”.
D4: Remote T_CRIT_A mask: When set to “1” a diode temperature reading that exceeds T_CRIT_A setpoint will
not activate the T_CRIT_A pin.
D3: is not defined and defaults to “0”.
D2: Local T_CRIT_A mask: When set to “1” a Local temperature reading that exceeds T_CRIT_A setpoint will
not activate the T_CRIT_A pin.
D1: is not defined and defaults to “0”.
D0: Fault Queue: when set to “1” three consecutive remote temperature measurements outside the HIGH, LOW,
or T_CRIT setpoints will trigger an “Outside Limit” condition resulting in setting of status bits and associated
output pins..
CONVERSION RATE REGISTER
Table 7. (Read Address 04h / Write Address 0Ah)
Value
Conversion Rate
00
62.5 mHz
01
125 mHz
02
250 mHz
03
500 mHz
04
1 Hz
05
2 Hz
06
4 Hz
07
8 Hz
08
16 Hz
09
32 Hz
10-255
Undefined
LOCAL and REMOTE HIGH SETPOINT REGISTERS (LHS, RHSHB, and RHSLB)
Table 8. (Read Address 05h, 07h / Write Address 0Bh, 0Dh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LHS and RHSHB: HIGH setpoint temperature data. Power-on default is LHIGH = RHIGH = 70°C. 1 LSB =
1°C. Two's complement format.
18
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com