Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8260VR Datasheet(PDF) 42 Page - Motorola, Inc

Part # MPC8260VR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260VR Datasheet(HTML) 42 Page - Motorola, Inc

Back Button MPC8260VR Datasheet HTML 38Page - Motorola, Inc MPC8260VR Datasheet HTML 39Page - Motorola, Inc MPC8260VR Datasheet HTML 40Page - Motorola, Inc MPC8260VR Datasheet HTML 41Page - Motorola, Inc MPC8260VR Datasheet HTML 42Page - Motorola, Inc MPC8260VR Datasheet HTML 43Page - Motorola, Inc MPC8260VR Datasheet HTML 44Page - Motorola, Inc MPC8260VR Datasheet HTML 45Page - Motorola, Inc MPC8260VR Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Pinout
Symbols used in Table 19 are described in Table 20.
I/O power
AG21, AG14, AG8, AJ1, AJ2, AH1, AH2,
AG3, AF4, AE5, AC27, Y27, T27, P27,
K26, G27, AE25, AF26, AG27, AH28,
AH29, AJ28, AJ29, C7, C14, C16, C20,
C23, E10, A28, A29, B28, B29, C27,
D26, E25, H3, M4, T3, AA4, A1, A2, B1,
B2, C3, D4, E5
Core Power
U28, U29, K28, K29, A9, A19, B19, M1,
M2, Y1, Y2, AC1, AC2, AH19, AJ19,
AH10, AJ10, AJ5
Ground
AA5, AF21, AF14, AF8, AE7, AF11,
AE17, AE23, AC26, AB25, Y26, V25,
T26, R25, P26, M25, K27, H25, G26,
D7, D10, D14, D16, D20, D23, C9, E11,
E13, E15, E19, E22, B3, G5, H4, K5,
M3, P5, T4, Y5, AA2, AC3
1 MPC8265 and MPC8266 only.
2 The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
3 On PCI devices (MPC8265 and MPC8266) this pin should be used as CLKIN2. On non-PCI devices (MPC8260A
and MPC8264) this is a spare pin that must be pulled down or left floating.
4 Must be pulled down or left floating.
5 On PCI devices (MPC8265 and MPC8266) this pin should be asserted if the PCI function is desired or pulled up
or left floating if PCI is not desired. On non-PCI devices (MPC8260A and MPC8264) this is a spare pin that must
be pulled up or left floating.
6 For information on how to use this pin, refer to MPC8260 PowerQUICC II Thermal Resistor Guide available at
www.motorola.com/semiconductors.
Table 20. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
UTM
Indicates that a signal is part of the UTOPIA master interface.
UTS
Indicates that a signal is part of the UTOPIA slave interface.
UT8
Indicates that a signal is part of the 8-bit UTOPIA interface.
UT16
Indicates that a signal is part of the 16-bit UTOPIA interface.
MII
Indicates that a signal is part of the media independent interface.
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com