Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4399C Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC4399C
Description  High-Frequency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4399C Datasheet(HTML) 1 Page - ON Semiconductor

  2SC4399C Datasheet HTML 1Page - ON Semiconductor 2SC4399C Datasheet HTML 2Page - ON Semiconductor 2SC4399C Datasheet HTML 3Page - ON Semiconductor 2SC4399C Datasheet HTML 4Page - ON Semiconductor 2SC4399C Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering number : ENN3020
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
2SC4399/D
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2059B
[2SC4399]
Features
· High power gain : PG=25dB typ (f=100MHz).
· Ultrasmall-sized package permitting the 2SC4399-
applied sets to be made small and slim.
1 : Base
2 : Emitter
3 : Collector
SANYO : MCP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
3V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
2V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=1
.
0A
μ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=1
.
0A
μ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
6
=
C
A
m
1
=
*
0
6*
0
7
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
6
=
C
A
m
1
=
0
0
20
2
3z
H
M
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
t
e
s
r
e
v
e
RC e
r
V B
C
z
H
M
1
=
f
,
V
6
=
9
.
02
.
1F
p
t
n
a
t
s
n
o
C
e
m
i
T
r
o
t
c
e
ll
o
C
-
o
t
-
e
s
a
Br b
b C
' c
V B
C
I
,
V
6
=
C
z
H
M
9
.
1
3
=
f
,
A
m
1
=
2
10
2s
p
n
i
a
G
r
e
w
o
PG
PV B
C
I
,
V
6
=
C
z
H
M
0
0
1
=
f
,
A
m
1
=
5
2B
d
e
r
u
g
i
F
e
s
i
o
NF
NV B
C
I
,
V
6
=
C
z
H
M
0
0
1
=
f
,
A
m
1
=
0
.
3B
d
k
n
a
R
345
h E
F
0
2
1
o
t
0
60
8
1
o
t
0
90
7
2
o
t
5
3
1
0.3
0.65
0.65
2.0
0.15
0 to 0.1
0.3
0.6
0.9
12
3
2SC4399
NPN Epitaxial Planar Silicon Transistors
High-Frequency General-Purpose
Amplifier Applications
˚C
˚C
Electrical Characteristics at Ta = 25˚C
* : The 2SC4399 is classified by 1mA hFE as follows :
Marking : F
hFE rank : 3, 4, 5


Similar Part No. - 2SC4399C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4399 SANYO-2SC4399 Datasheet
112Kb / 4P
High-Frequency General-Purpose Amp Applications??????????
logo
Guangdong Kexin Industr...
2SC4399 KEXIN-2SC4399 Datasheet
45Kb / 1P
NPN Epitaxial Planar Silicon Transistor
More results

Similar Description - 2SC4399C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
Toshiba Semiconductor
HN2A26FS TOSHIBA-HN2A26FS Datasheet
139Kb / 3P
Frequency General-Purpose Amplifier Applications
logo
Sanyo Semicon Device
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
Toshiba Semiconductor
HN1C26FS TOSHIBA-HN1C26FS Datasheet
152Kb / 3P
Frequency General-Purpose Amplifier Applications
HN2C26FS TOSHIBA-HN2C26FS Datasheet
152Kb / 3P
Frequency General-Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
logo
Sanyo Semicon Device
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com