Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4399C Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC4399C
Description  High-Frequency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4399C Datasheet(HTML) 4 Page - ON Semiconductor

  2SC4399C Datasheet HTML 1Page - ON Semiconductor 2SC4399C Datasheet HTML 2Page - ON Semiconductor 2SC4399C Datasheet HTML 3Page - ON Semiconductor 2SC4399C Datasheet HTML 4Page - ON Semiconductor 2SC4399C Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4399
Rev.0 I Page 4 of 5 I www.onsemi.com
0
26
22
18
30
24
20
16
4
6
2
28
PG, NF -- IC
ITR06698
7
10
1.0
7
5
23
5
3
2
3
3
5
7
100
2
3
3
5
7
1.0
Reverse Transfer Admittance,
yre -- IC
ITR06695
cre
gre
2
3
5
5
2
3
7
10
1.0
Input Admittance,
yie -- IC
ITR06694
VCE=6V
f=100MHz
VCE=6V
f=100MHz
VCE=6V
f=100MHz
VCE=6V
f=100MHz
c ie
g ie
2
1.0
7
5
37
5
3
1.0
7
5
23
7
5
3
2
1.0
7
5
37
5
3
2
1.0
7
5
37
5
3
2
3
2
3
5
5
7
1.0
0.1
Output Admittance,
yoe -- IC
ITR06697
coe
g oe
5
7
2
3
10
5
7
2
3
100
Foward Transfer Admittance,
yfe -- IC
ITR06696
g fe
VCE=6V
f=100MHz
See specified Test Circuit.
PG
NF
Collector Current, IC – mA
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
IC=1mA
f=100MHz
IC=1mA
f=100MHz
2
10
1.0
7
5
23
2
10
1.0
7
5
23
2
3
2
3
5
5
7
1.0
0.1
Output Admittance,
yoe -- VCE
ITR06693
coe
goe
2
3
2
3
5
7
10
1.0
Foward Transfer Admittance,
yfe -- VCE
ITR06692
gfe
--bfe
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com