Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDW
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7331CDW Datasheet HTML 6Page - Texas Instruments ISO7331CDW Datasheet HTML 7Page - Texas Instruments ISO7331CDW Datasheet HTML 8Page - Texas Instruments ISO7331CDW Datasheet HTML 9Page - Texas Instruments ISO7331CDW Datasheet HTML 10Page - Texas Instruments ISO7331CDW Datasheet HTML 11Page - Texas Instruments ISO7331CDW Datasheet HTML 12Page - Texas Instruments ISO7331CDW Datasheet HTML 13Page - Texas Instruments ISO7331CDW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Input
Generator
50
OUT
RL= 1 k
EN
VO
VI
IN
0V
CL
W
W
1%
±
Note A
Note B
0 V
VO
VI
0.5 V
50%
Input
Generator
50
OUT
RL= 1 k
EN
VO
VI
IN
3V
CL
W
W
1%
±
Note A
Note B
0 V
0 V
VI
50%
0.5 V
tPZH
VO
VOH
tPHZ
V
/2
CC
V
/2
CC
VCC
tPZL
VCC
V
/2
CC
VCCO
tPLZ
VCCO
V
/2
CC
VOL
V
I
50 W
IN
V
O
Input
Generator
Note A
C
L
OUT
50%
10%
90%
V
I
V
O
t
PLH
t
PHL
50%
V
CCI
0 V
50%
t
r
t
f
V
OH
50%
V
OL
Note B
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
7 Parameter Measurement Information
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle,
tr ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω. At the input, a 50-Ω resistor is required to terminate the Input Generator signal. It is not
needed in actual application.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 11. Switching Characteristic Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 10 kHz, 50% duty cycle,
tr ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 12. Enable/Disable Propagation Delay Time Test Circuit and Waveform
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com