Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDW
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7331CDW Datasheet HTML 15Page - Texas Instruments ISO7331CDW Datasheet HTML 16Page - Texas Instruments ISO7331CDW Datasheet HTML 17Page - Texas Instruments ISO7331CDW Datasheet HTML 18Page - Texas Instruments ISO7331CDW Datasheet HTML 19Page - Texas Instruments ISO7331CDW Datasheet HTML 20Page - Texas Instruments ISO7331CDW Datasheet HTML 21Page - Texas Instruments ISO7331CDW Datasheet HTML 22Page - Texas Instruments ISO7331CDW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ISO7330
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
OUTC
NC
OUTA
OUTB
INC
NC
GND2
VCC2
0.1 µF
2 mm max from VCC2
EN
GND2
NC
GND1
2 mm max from VCC1
GND1
0.1 µF
VCC1
ISO7331
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
OUTC
NC
OUTA
OUTB
INC
NC
GND2
VCC2
0.1 µF
2 mm max from VCC2
EN2
GND2
EN1
GND1
2 mm max from VCC1
GND1
0.1 µF
VCC1
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
www.ti.com
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
Typical Application (continued)
9.2.3 Application Performance Curves
Typical eye diagrams of ISO733x below indicate low jitter and wide open eye at the maximum data rate of 25
Mbps.
Figure 20. Eye Diagram at 25 Mbps, 3.3 V and 25°C
Figure 19. Eye Diagram at 25 Mbps, 5 V and 25°C
9.2.4 Systems Examples
Unlike Optocouplers, which need external components to improve performance, provide bias, or limit current,
ISO733x only needs two external bypass capacitors to operate.
Figure 21. Typical ISO7330 Circuit Hook-up
Figure 22. Typical ISO7331 Circuit Hook-up
10 Power Supply Recommendations
To ensure reliable operation at all data rates and supply voltages, a 0.1 µF bypass capacitor is recommended at
input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close to the supply pins as
possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501. For
such applications, detailed power supply design and transformer selection recommendations are available in
SN6501 datasheet (SLLSEA0) .
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com