Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5LP01SP-AC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 5LP01SP-AC
Description  P-Channel Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LP01SP-AC Datasheet(HTML) 2 Page - ON Semiconductor

  5LP01SP-AC Datasheet HTML 1Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 2Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 3Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 4Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 5Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5LP01SP
No.6621-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=-1mA, VGS=0V
-50
V
Zero-Gate Voltage Drain Current
IDSS
VDS=-50V, VGS=0V
10
μA
Gate to Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=-10V, ID=-100μA
-0.4
-1.4
V
Forward Transconductance
gFS
VDS=-10V, ID=-40mA
70
100
mS
Static Drain to Source On-State Resistance
RDS(on)1
ID=-40mA, VGS=-4V
18
23
Ω
RDS(on)2
ID=-20mA, VGS=-2.5V
20
28
Ω
RDS(on)3
ID=-5mA, VGS=-1.5V
30
60
Ω
Input Capacitance
Ciss
VDS=-10V, f=1MHz
7.4
pF
Output Capacitance
Coss
4.2
pF
Reverse Transfer Capacitance
Crss
1.3
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
20
ns
Rise Time
tr
35
ns
Turn-OFF Delay Time
td(off)
160
ns
Fall Time
tf
150
ns
Total Gate Charge
Qg
VDS=-10V, VGS=-10V, ID=-70mA
1.40
nC
Gate to Source Charge
Qgs
0.16
nC
Gate to Drain “Miller” Charge
Qgd
0.23
nC
Forward Diode Voltage
VSD
IS=-70mA, VGS=0V
0.85
1.2
V
Switching Time Test Circuit
PW=10μs
D.C.≤1%
0V
--4V
VIN
P.G
50Ω
G
D
ID= --40mA
RL=607Ω
VDD= --25V
VOUT
5LP01SP
S
VIN
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com