Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5LP01SP-AC Datasheet(PDF) 1 Page - ON Semiconductor

Part # 5LP01SP-AC
Description  P-Channel Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LP01SP-AC Datasheet(HTML) 1 Page - ON Semiconductor

  5LP01SP-AC Datasheet HTML 1Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 2Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 3Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 4Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 5Page - ON Semiconductor 5LP01SP-AC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
42214 TKIM TC-00003114/91400 TS IM TA-1953 No.6621-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
April, 2014
5LP01SP
P-Channel Small Signal MOSFET
–50V, –0.07A, 23Ω, Single SPA
Features
•
Low ON-resistance
•
Ultrahigh-speed switching
•
2.5V drive
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
value
Unit
Drain to Source Voltage
VDSS
-50
V
Gate to Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
-0.07
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
-0.28
A
Power Dissipation
PD
0.25
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7524-007
Ordering number : EN6621A
3
1
2
Ordering & Package Information
Device
Package
Shipping
memo
5LP01SP
SPA
SC-72
500pcs./bag
Pb-Free
5LP01SP-AC
SPA
SC-72
2,500pcs./box
Marking
Electrical Connection
12
3
4.0
3.8
3.0
2.2
0.4
0.4
0.4
0.5
1.3
1.3
1 : Source
2 : Drain
3 : Gate
SPA
XB
LOT No.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - 5LP01SP-AC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LP01SP SANYO-5LP01SP Datasheet
39Kb / 4P
5LP01SP
More results

Similar Description - 5LP01SP-AC

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BSS84 WEITRON-BSS84 Datasheet
127Kb / 4P
Small Signal MOSFET P-Channel
logo
ON Semiconductor
3LP01C ONSEMI-3LP01C Datasheet
259Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01M ONSEMI-5LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com