Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2C02HD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF2C02HD
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02HD Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF2C02HD Datasheet HTML 1Page - ON Semiconductor MMDF2C02HD Datasheet HTML 2Page - ON Semiconductor MMDF2C02HD Datasheet HTML 3Page - ON Semiconductor MMDF2C02HD Datasheet HTML 4Page - ON Semiconductor MMDF2C02HD Datasheet HTML 5Page - ON Semiconductor MMDF2C02HD Datasheet HTML 6Page - ON Semiconductor MMDF2C02HD Datasheet HTML 7Page - ON Semiconductor MMDF2C02HD Datasheet HTML 8Page - ON Semiconductor MMDF2C02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MMDF2C02HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 1)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 μAdc)
V(BR)DSS
20
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
IDSS
(N)
(P)
1.0
1.0
μAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 μAdc)
VGS(th)
1.0
1.5
2.0
Vdc
Drain−to−Source On−Resistance
(VGS = 4.5 Vdc, ID = 1.5 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
(N)
(P)
0.074
0.152
0.100
0.180
Ohm
Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 3.0 Adc)
(VGS = 10 Vdc, ID = 2.0 Adc)
RDS(on)
(N)
(P)
0.058
0.118
0.090
0.160
Ohm
Forward Transconductance
(VDS = 3.0 Vdc, ID = 1.5 Adc)
(VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
(N)
(P)
2.0
2.0
3.88
3.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
(N)
(P)
455
420
630
588
pF
Output Capacitance
Coss
(N)
(P)
184
290
250
406
Transfer Capacitance
Crss
(N)
(P)
45
116
90
232
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(on)
(N)
(P)
11
19
22
38
ns
Rise Time
tr
(N)
(P)
58
66
116
132
Turn−Off Delay Time
td(off)
(N)
(P)
17
25
35
50
Fall Time
tf
(N)
(P)
20
37
40
74
Turn−On Delay Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
td(on)
(N)
(P)
7.0
11
21
22
Rise Time
tr
(N)
(P)
32
21
64
42
Turn−Off Delay Time
td(off)
(N)
(P)
27
45
54
90
Fall Time
tf
(N)
(P)
21
36
42
72
1. Negative signs for P−Channel device omitted for clarity.
2. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com