Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2C02HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF2C02HD
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF2C02HD Datasheet HTML 1Page - ON Semiconductor MMDF2C02HD Datasheet HTML 2Page - ON Semiconductor MMDF2C02HD Datasheet HTML 3Page - ON Semiconductor MMDF2C02HD Datasheet HTML 4Page - ON Semiconductor MMDF2C02HD Datasheet HTML 5Page - ON Semiconductor MMDF2C02HD Datasheet HTML 6Page - ON Semiconductor MMDF2C02HD Datasheet HTML 7Page - ON Semiconductor MMDF2C02HD Datasheet HTML 8Page - ON Semiconductor MMDF2C02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MMDF2C02HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS − continued (TA = 25°C unless otherwise noted) (Note 4)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS − continued (Note 6)
Total Gate Charge
(VDS = 16 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
(N)
(P)
12.5
15
18
20
nC
Gate−Source Charge
Q1
(N)
(P)
1.3
1.2
Gate−Drain Charge
Q2
(N)
(P)
2.8
5.0
Q3
(N)
(P)
2.4
4.0
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage (Note 5)
(IS = 3.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
0.79
1.5
1.3
2.1
Vdc
Reverse Recovery Time
(IS = 3.0 Adc, VAS = 0 Vdc,
dIS/dt = 100 A/μs)
(IS = 2.0 Adc, VAS = 0 Vdc,
dIS/dt = 100 A/μs)
trr
(N)
(P)
23
38
ns
ta
(N)
(P)
18
17
tb
(N)
(P)
5.0
21
Reverse Recovery Stored
Charge
QRR
(N)
(P)
0.025
0.034
μC
4. Negative signs for P−Channel device omitted for clarity.
5. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com