Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF2P02ER2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMSF2P02ER2
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF2P02ER2 Datasheet(HTML) 5 Page - ON Semiconductor

  MMSF2P02ER2 Datasheet HTML 1Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 2Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 3Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 4Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 5Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 6Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 7Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 8Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MMSF2P02E
http://onsemi.com
5
RG, GATE RESISTANCE (OHMS)
100
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
1
100
10
10
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
0.4
0.8
1.2
2
Figure 10. Diode Forward Voltage
versus Current
1.6
0.6
0.8
1.2
1.4
1.6
1
0
TJ = 25°C
VGS = 0 V
VDD = 10 V
ID = 2 A
VGS = 10 V
TJ = 25°C
tf
td(off)
td(on)
tr
Figure 11. Reverse Recovery Time (trr)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
t, TIME
di/dt = 300 A/
μs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
VGS = 20 V
SINGLE PULSE
TC = 25°C
10
0.1
dc
10 ms
1
100
100
Mounted on 2
″ sq. FR4 board (1″ sq. 2 oz. Cu 0.06″
thick single sided), 10s max.
1 ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com