Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8141A Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF8141A
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8141A Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  CF8141A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SM8141
NIPPON PRECISION CIRCUITS—7
• SM8141B
1
CHV
2 LDR
3 VSS
4
OSC
5
ENA
6
VDD
7
OUT2
8
OUT1
SM8141B
EL sheet
0.1
µF
100V
0.47mH
3.0V
Diode:TOSHIBA 1SS250
Coil:MURATA LQH4N471K04M00
200k
Ω
22
EL size 20cm to 30cm
Current Consumption 20mA
0.01
µF
Cbypass
1
CHV
2 LDR
3 VSS
4
OSC
5
ENA
6
VDD
7
OUT2
8
OUT1
SM8141B
EL sheet
0.1
µF
100V
0.22mH
1.5V
Diode:TOSHIBA 1SS250
Coil:MURATA LQH4N221K04M00
200k
Ω
22
EL size 10cm to 15cm
Current Consumption 20mA
3.0V
0.01
µF
Cbypass
1
CHV
2 LDR
3 VSS
4
OSC
5
ENA
6
VDD
7
OUT2
8
OUT1
SM8141B
EL sheet
0.1
µF
100V
0.22mH
3.0V
Diode:TOSHIBA 1SS250
Coil:MURATA LQH4N221K04M00
200k
Ω
22
EL size 30cm to 50cm
Current Consumption 40mA
0.01
µF
Cbypass



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com