Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8141A Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF8141A
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8141A Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF8141A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM8141
NIPPON PRECISION CIRCUITS—2
PAD DIMENSIONS
(Unit : mm)
PIN DESCRIPTION
• SM8141A
• SM8141B
Chip size : 1.80
× 1.30 (mm)
Chip thickness : 300 (
µm)
Chip base : V SS
Pin
n umber
P ad
n umber
Name
P ad dimensions
I / O
Function
X (µm)
Y (µm)
1
6
C H V
635
1150
I
High-voltage DC input
2
7
L D R
435
1150
O
Booster coil driver output
3
8
V S S
180
420
–
Ground
4
1
O C L
1 8 0
1 8 0
I
Coil driver oscillator (oscillator frequency determined by external variable resistor)
5
2
O C E
1620
180
I
EL driver oscillator (oscillator frequency determined by external variable resistor)
6
3
V D D
1620
420
–
Supply
7
4
OUT2
1650
1120
O
Output 2
8
5
OUT1
1110
1120
O
Output 1
Pin
n umber
P ad
n umber
Name
P ad dimensions
I / O
Function
X (µm)
Y (µm)
1
6
C H V
635
1150
I
High-voltage DC input
2
7
L D R
435
1150
O
Booster coil driver output
3
8
V S S
180
420
–
Ground
4
1
O S C
180
180
I
Coil and EL driver oscillator
(oscillator frequency determined by external variable resistor)
5
2
E N A
1620
180
I
Enab le input (built-in pull-down resistor)
6
3
V D D
1620
420
–
Supply
7
4
OUT2
1650
1120
O
Output 2
8
5
OUT1
1110
1120
O
Output 1
12
3
4
5
6
7
8
(0,0)
(1800,1300)
Y
X
NPC
SA8141



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com