Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT3906 Datasheet(PDF) 1 Page - AUK corp

Part # SBT3906
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SBT3906 Datasheet(HTML) 1 Page - AUK corp

  SBT3906 Datasheet HTML 1Page - AUK corp SBT3906 Datasheet HTML 2Page - AUK corp SBT3906 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-2023-000
1
SBT3906
PNP Silicon Transistor
Descriptions
• General small signal application
• Switching application
Features
• Low collector saturation voltage
• Collector output capacitance
• Complementary pair with SBT3904
Ordering Information
Type NO.
Marking
Package Code
SBT3906
2A
SOT-23
Outline Dimensions
unit : mm
PIN Connections
1. Emitter
2. Base
3. Collector
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
2.4
±0.1
1.30
±0.1
0.45~0.60
3
1
2
0.2 Min.


Similar Part No. - SBT3906

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBT3906 AUK-SBT3906 Datasheet
189Kb / 4P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SBT3906 KODENSHI-SBT3906 Datasheet
247Kb / 4P
PNP Silicon Transistor
SBT3906 KODENSHI-SBT3906 Datasheet
235Kb / 4P
General small signal application
logo
AUK corp
SBT3906F AUK-SBT3906F Datasheet
51Kb / 3P
PNP Silicon Transistor
SBT3906F AUK-SBT3906F Datasheet
188Kb / 4P
PNP Silicon Transistor
More results

Similar Description - SBT3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com