Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT3906 Datasheet(PDF) 2 Page - AUK corp

Part # SBT3906
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SBT3906 Datasheet(HTML) 2 Page - AUK corp

  SBT3906 Datasheet HTML 1Page - AUK corp SBT3906 Datasheet HTML 2Page - AUK corp SBT3906 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2023-000
2
SBT3906
Absolute maximum ratings
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-40
V
Collector-Emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-200
mA
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.6mm
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-10µA, IE=0
-40
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-10µA, IC=0
-5
-
-
V
Collector cut-off current
ICEX
VCE=-30V, VEB=-3V
-
-
-50
nA
DC current gain
hFE
VCE=-1V, IC=-10mA
100
-
300
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-50mA, IB=-5mA
-
-
-0.4
V
Transition frequency
fT
VCE=-20V, IC=-10mA,
f=100MHz
250
-
-
MHz
Collector output capacitance
Cob
VCB=-5V, IE=0, f=1MHz
-
-
4.5
pF
Delay time
td
-
-
35
ns
Rise time
tr
VCC=-3Vdc, VBE(off)=-0.5Vdc,
IC=-10mAdc, IB1=-1mAdc
-
-
35
ns
Storage time
ts
-
-
225
ns
Fall Time
tf
VCC=-3Vdc,IC=-10mAdc,
IB1=IB2=-1mAdc
-
-
75
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com