Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830P Datasheet(PDF) 7 Page - AUK corp

Part # SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Datasheet(HTML) 7 Page - AUK corp

Back Button SD6830P Datasheet HTML 3Page - AUK corp SD6830P Datasheet HTML 4Page - AUK corp SD6830P Datasheet HTML 5Page - AUK corp SD6830P Datasheet HTML 6Page - AUK corp SD6830P Datasheet HTML 7Page - AUK corp SD6830P Datasheet HTML 8Page - AUK corp SD6830P Datasheet HTML 9Page - AUK corp SD6830P Datasheet HTML 10Page - AUK corp SD6830P Datasheet HTML 11Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
KSI-W002-000
7
6.3 Data Memory (RAM)
Data memory is used to store various type of processing data. This consists of a 32-nibble,
which is organized into two files of 16 nibbles each. RAM addressing is indirectly
implemented by a two registers; H, L. It’s upper 1-bit register (H) selects one of two files
and its lower 4-bit register (L) selects one of 16 nibbles in the selected file.
Figure 6-2. Data Memory Map
6.4 Stack Register (SK)
Stack register is used to store return address and provide a particularly mechanism for
transferring control between programs. Two level hardware push/pop stacks are
manipulated by CAL, CALL, and RET instructions. CAL/CALL instructions push the current
program counter value, incremented by “1”, into stack level 1. Stack level 1 is
automatically pushed to level 2.
If more than two subsequent CAL/CALL are executed, only the most recent two return
addresses are stored. RET instruction load the contents of stack level 1 into the program
counter while stack level 2 gets copied into level 1. If more than two subsequent RET are
executed, the stack will be filled with the address previously stored in level 2.
SD6830
REG H (1-bit)
REG L ( 4-bit )
PORT
F
F0
FILE 1
0
1
2
3
12
13
14
15
Lower
3-bit
4
F1
F2
F3
F4
F5
F6
F7
DATA MEMORY
FILE 0
0
1
2
3
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com