Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830P Datasheet(PDF) 9 Page - AUK corp

Part # SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Datasheet(HTML) 9 Page - AUK corp

Back Button SD6830P Datasheet HTML 5Page - AUK corp SD6830P Datasheet HTML 6Page - AUK corp SD6830P Datasheet HTML 7Page - AUK corp SD6830P Datasheet HTML 8Page - AUK corp SD6830P Datasheet HTML 9Page - AUK corp SD6830P Datasheet HTML 10Page - AUK corp SD6830P Datasheet HTML 11Page - AUK corp SD6830P Datasheet HTML 12Page - AUK corp SD6830P Datasheet HTML 13Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
KSI-W002-000
9
6.8
Registers
Register A
Register A, called the accumulator, plays a central role, is used to store an input or an
output operand (result) in the execution of most instructions. It consists of 4-bit.
Register B
Register B is used to store a temporary data in CPU. It consists of 4-bit.
Register H
Register H is used to indicate an address of the data memory in conjunction with register L.
It consists of 1-bit, which is related with the bit 0 of accumulator
Register L
Register L is used to indicate an address of the data memory in conjunction with register H,
Also lower 3-bit can be used to indicate the bit position of the port F. It consists of 4-bit
Register Z
Register Z is used to select a carrier frequency. The carrier frequency must be selected
before Port C data write operation. It consists of 3-bit.
Register Z
Bit 2
Bit 1
Bit 0
Carrier frequency
0
0
0
F
SYS/12, 1/2 duty
0
0
1
F
SYS/12, 1/3 duty
0
1
0
F
SYS/12, 1/4 duty
0
1
1
F
SYS/8, 1/2 duty
1
0
0
F
SYS/8, 1/4 duty
1
0
1
F
SYS/11, 4/11 duty
1
1
0
No carrier
1
1
1
No carrier
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com