Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM613DA Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM613DA
Description  2A, 20V, 550kHz, synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM613DA Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM613DA Datasheet HTML 3Page - ELM Electronics ELM613DA Datasheet HTML 4Page - ELM Electronics ELM613DA Datasheet HTML 5Page - ELM Electronics ELM613DA Datasheet HTML 6Page - ELM Electronics ELM613DA Datasheet HTML 7Page - ELM Electronics ELM613DA Datasheet HTML 8Page - ELM Electronics ELM613DA Datasheet HTML 9Page - ELM Electronics ELM613DA Datasheet HTML 10Page - ELM Electronics ELM613DA Datasheet HTML 11Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Rev.1.3
11 -
In this case, a third pole set by the compensation capacitor (C4) and the compensation resistor (R3) is used to
compensate the effect of the ESR zero on the loop gain. This pole is located at:
fp3 = 1 / (2π × C4 × R3)
The goal of compensation design is to shape the converter transfer function to get a desired loop gain. The sys-
tem crossover frequency where the feedback loop has the unity gain is important. Lower crossover frequencies
result in slower line and load transient responses, while higher crossover frequencies could cause system insta-
bility. A good rule of thumb is to set the crossover frequency below one-tenth of the switching frequency.
To optimize the compensation components, the following procedure can be used.
1) Choose the compensation resistor (R3) to set the desired crossover frequency.
Determine the R3 value by the following equation:
R3 = [ (2π × Cout × fc) / (Gea × Gcs) ] × (Vout/Vfb) < [ (2π × Cout × 0.1 × fs) / (Gea × Gcs) ] × (Vout/Vfb)
Where fC is the desired crossover frequency which is typically below one tenth of the switching frequency.
2) Choose the compensation capacitor (C1) to achieve the desired phase margin. For applications with typical
inductor values, setting the compensation zero, fz1, below one-forth of the crossover frequency provides suffi-
cient phase margin. Determine the C1 value by the following equation:
C1 > 4 / (2π × R3 × fc)
Where R3 is the compensation resistor.
3) Determine if the second compensation capacitor (C4) is required. It is required if the ESR zero of the output
capacitor is located at less than half of the switching frequency, or the following relationship is valid:
1 / (2π × Cout × Resr) < fs/2
If this is the case, then add the second compensation capacitor (C4) to set the pole fP3 at the location of the
ESR zero. Determine the C4 value by the equation:
C4 = (Cout × Resr) / R3
8. External bootstrap diode
An external bootstrap diode may enhance the efficiency of the regulator, the applicable conditions of external
BS diode are:
Vout = 5V or 3.3V, and duty cycle is high: D = Vout/Vin > 65%
In these cases, an external BS diode is recommended from the output of the voltage regulator to BS pin, as
shown in Figure 1.
SW
Cout
BS
Cbs
0.1 to 1µF
L
ELM613DA
External BS
diode IN4148
5V or 3.3V
◄
Figure 1. Add optional external bootstrap diode to enhance efficiency.
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter
The recommended external BS diode is IN4148, and the BS capacitor is 0.1 to 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com