Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM613DA Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM613DA
Description  2A, 20V, 550kHz, synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM613DA Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM613DA Datasheet HTML 3Page - ELM Electronics ELM613DA Datasheet HTML 4Page - ELM Electronics ELM613DA Datasheet HTML 5Page - ELM Electronics ELM613DA Datasheet HTML 6Page - ELM Electronics ELM613DA Datasheet HTML 7Page - ELM Electronics ELM613DA Datasheet HTML 8Page - ELM Electronics ELM613DA Datasheet HTML 9Page - ELM Electronics ELM613DA Datasheet HTML 10Page - ELM Electronics ELM613DA Datasheet HTML 11Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Rev.1.3
11 -
9. PCB layout guide
PCB layout is very important to achieve stable operation. Please follow the guidelines below.
1) Keep the path of switching current short and minimize the loop area formed by Input capacitor, high-side
MOSFET and low-side MOSFET.
2) Bypass ceramic capacitors are suggested to be put close to the VIN Pin.
3) Ensure all feedback connections are short and direct. Place the feedback resistors and compensation
components as close to the chip as possible.
4) Rout SW away from sensitive analog areas such as FB.
5) Connect IN, SW, and especially GND respectively to a large copper area to cool the chip to improve
thermal performance and long-term reliability.
SOP-8
■Marking
LV1482SN
a b c d e f
g h i j k
Mark
Content
LV1482SN
Product ID
a to k
Assembly lot No.:
0 to 9 & A to Z repeated
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter
L
R1
R2
R3
Cout
C1
Vout=5.0V
10µH
15K
15K
6.8K
16K
22µF
3.3nF
Vout=3.3V
10µH
12K
100
4.7K
15K
22µF
3.3nF
Vout=2.5V
10µH
9.1K
470
5.6K
13K
22µF
3.3nF
Vout=1.8V
10µH
6.8K
1K
8.2K
6.8K
22µF
3.3nF
Vout=1.2V
4.7µH
1.5K
1.5K
10K
5.1K
22µF
3.3nF
Vout=1.0V
3.3µH
1K
1K
24K
4.7K
22µF
3.3nF
Table2 : BOM of ELM613DA
when Vin≤ 6V, for the purpose of promote the efficiency, it can add an external Schottky diode between IN and
BS pins, as shown in Figure 2.
SW
BS
GND
VIN
ELM613DA
Schottky
(B0520LW)
5V to 6V
Vout
▲
Figure 2: Add a Schottky diode to promote efficiency when Vin ≤ 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com