Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40 Datasheet(PDF) 49 Page - ELM Electronics

Part # GD25LQ40
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ40 Datasheet(HTML) 49 Page - ELM Electronics

Back Button GD25LQ40 Datasheet HTML 45Page - ELM Electronics GD25LQ40 Datasheet HTML 46Page - ELM Electronics GD25LQ40 Datasheet HTML 47Page - ELM Electronics GD25LQ40 Datasheet HTML 48Page - ELM Electronics GD25LQ40 Datasheet HTML 49Page - ELM Electronics GD25LQ40 Datasheet HTML 50Page - ELM Electronics GD25LQ40 Datasheet HTML 51Page - ELM Electronics GD25LQ40 Datasheet HTML 52Page - ELM Electronics GD25LQ40 Datasheet HTML 53Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
49
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Figure 37a. Enable Reset and Reset command Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0 1
Command
66H
0 1
Command
99H
7.35. Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will return
to its default power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write
Enable Latch status (WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Continuous Read
Mode bit setting (M7-M0) and Wrap Bit Setting (W6-W4).
The “Enable Reset (66H)” and the “Reset (99H)” commands can be issued in either SPI or QPI mode. The “Reset
(99H)”command sequence as follow: CS# goes low → Sending Enable Reset command → CS# goes high
→ CS# goes low → Sending Reset command → CS# goes high. Once the Reset command is accepted by the
device, the device will take approximately tRST=30µs to reset. During this period, no command will be accepted.
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation when
Reset command sequence is accepted by the device. It is recommended to check the BUSY bit and the SUS bit
in Status Register before issuing the Reset command sequence.
Figure 37. Enable Reset and Reset command Sequence Diagram
Figure 38. Enable Reset and Reset command Sequence Diagram
7.34. Read Serial Flash Discoverable Parameter (5AH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com