Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q64 Datasheet(PDF) 21 Page - ELM Electronics

Part # GD25Q64
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q64 Datasheet(HTML) 21 Page - ELM Electronics

Back Button GD25Q64 Datasheet HTML 17Page - ELM Electronics GD25Q64 Datasheet HTML 18Page - ELM Electronics GD25Q64 Datasheet HTML 19Page - ELM Electronics GD25Q64 Datasheet HTML 20Page - ELM Electronics GD25Q64 Datasheet HTML 21Page - ELM Electronics GD25Q64 Datasheet HTML 22Page - ELM Electronics GD25Q64 Datasheet HTML 23Page - ELM Electronics GD25Q64 Datasheet HTML 24Page - ELM Electronics GD25Q64 Datasheet HTML 25Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
Rev.1.1
50 -
http://www.elm-tech.com
GD25Q64CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Quad I/O Fast Read with “Continuous Read Mode”
The Quad I/O Fast Read command can further reduce command overhead through setting the “Continuous
Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4)
=(1, 0), then the next Quad I/O Fast Read command (after CS# is raised and then lowered) does not require the
EBH command code. The command sequence is shown in followed Figure14. If the “Continuous Read Mode”
bits (M5-4) do not equal to (1, 0), the next command requires the first EBH command code, thus returning
to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M5-4) before issuing
normal command.
Figure 13. Quad I/O Fast Read Sequence Diagram (M5-4 ≠ (1, 0))
Command
0 1 2 3 4 5 6 7
EBH
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
4 0 4 0 4 0 4 0
16 17 18 19 20 21 22 23
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-16 A15-8 A7-0 M7-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
WP#(IO2)
HOLD#(IO3)
4
5
6
7
Dummy
Byte1 Byte2
Figure 14. Quad I/O Fast Read Sequence Diagram (M5-4 = (1, 0))
0 1 2 3 4 5 6 7
CS#
SCLK
8 9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4
5
6
7
A23-16 A15-8 A7-0 M7-0
Dummy
Byte1 Byte2
Quad I/O Fast Read with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Quad I/O Fast Read command can be used to access a specific portion within a page by issuing “Set Burst
with Wrap” (77H) commands prior to EBH. The “Set Burst with Wrap” (77H) command can either enable or
disable the “Wrap Around” feature for the following EBH commands. When “Wrap Around” is enabled, the
data being accessed can be limited to either an 8/16/32/64-byte section of a 256-byte page. The output data
starts at the initial address specified in the command, once it reaches the ending boundary of the 8/16/32/64-byte
section, the output will wrap around the beginning boundary automatically until CS# is pulled high to terminate
the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com