Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q64 Datasheet(PDF) 15 Page - ELM Electronics

Part # GD25Q64
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q64 Datasheet(HTML) 15 Page - ELM Electronics

Back Button GD25Q64 Datasheet HTML 11Page - ELM Electronics GD25Q64 Datasheet HTML 12Page - ELM Electronics GD25Q64 Datasheet HTML 13Page - ELM Electronics GD25Q64 Datasheet HTML 14Page - ELM Electronics GD25Q64 Datasheet HTML 15Page - ELM Electronics GD25Q64 Datasheet HTML 16Page - ELM Electronics GD25Q64 Datasheet HTML 17Page - ELM Electronics GD25Q64 Datasheet HTML 18Page - ELM Electronics GD25Q64 Datasheet HTML 19Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
15
Rev.1.1
50 -
http://www.elm-tech.com
GD25Q64CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.1. Write Enable (WREN)(06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable Latch
(WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE),
Write Status Register (WRSR) and Erase/Program Security Register command. The Write Enable (WREN)
command sequence: CS# goes low → sending the Write Enable command → CS# goes high.
Command
0 1 2 3 4 5 6 7
06H
CS#
SCLK
SI
SO
High-Z
7.2. Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable command
sequence: CS# goes low → Sending the Write Disable command → CS# goes high. The WEL bit is reset by
following condition: Power-up and upon completion of the Write Status Register, Page Program, Sector Erase,
Block Erase, Chip Erase, Erase/Program Security Register and Reset commands.
Command
0 1 2 3 4 5 6 7
04H
CS#
SCLK
SI
SO
High-Z
7.3. Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to
change the system configuration and memory protection schemes quickly without waiting for the typical non-
volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. The Write Enable for
Volatile Status Register command must be issued prior to a Write Status Register command. The Write Enable
for Volatile Status Register command will not set the Write Enable Latch bit, it is only valid for the Write Status
Register command to change the volatile Status Register bit values.
Figure 2. Write Enable Sequence Diagram
Figure 3. Write Disable Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com