Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-732 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS-732
Description  Remote Controller Electric Lock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS-732 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS-732 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
CS-372 Instruction Manual P.4
Electronic Characteristic
CS-732 Wireless Remote Controller Electric Lock
Item
Specification
Remark
Frequency
371.5MHz / 433.92MHz
Allow to assign frequency
Modulation
ASK
Supply Voltage
DC 12V/24V or AC 12V
Current
10.6mA/12V
Control Type
ON/OFF, Momentary, Continue
Distance
50~120M (Open space)
TX-F01/TX-F02/TX-F04 Remote Controller
Item
Specification
Remark
Frequency
371.5MHz / 433.92MHz
Allow to assign frequency
Circuit Shape
SAW resonator
Modulation
ASK
Battery
23A 12V
Distance
50~120M (Open space)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com