Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-732 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS-732
Description  Remote Controller Electric Lock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS-732 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CS-732 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS-732 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
CS-372 Instruction Manual P.7
Setting Mode
When you set mode and code, please press “CODE SET” for few seconds until
LED instruction light flesh quickly, you can release the setting key. Please set
remote controller according to below functions list:
MODE
KEY
RELAY 1
RELAY 2
Setting
Key
Jumper
Pairing
Remote
Controller
MODE 1
ON
Action 2"
ON/OFF
One Key
Not Cut
TX-F01
MODE 2
Press ON 2"
Action
Action
X
Action 2"
One Key
Cut
TX-F01
MODE 3
ON
OFF
Other Code
Action 2"
Action 2"
Action
Action
Not Action
X
ON
Not Cut
TX-F02
MODE 4
ON
OFF
Action
X
X
ON/OFF
ON
Cut
TX-F02
MODE 5
Press ON 2"
Press OFF 2"
Action 2"
X
X
Action 2"
OFF
Not Cut
TX-F02
MODE 6
On
OFF
ON/OFF
X
X
ON/OFF
OFF
Cut
TX-F02
MODE 7
OPEN
STOP
DOWN
EXIT
ON
OFF
X
X
X
X
Action
Not Action
OPEN
or
A
Not Cut
TX-F04
MODE 8
OPEN
STOP
DOWN
X
X
Action
Action
Not Action
X
STOP
or
B
Not Cut
TX-F04
MODE 9
OPEN
STOP
ON/OFF
X
X
ON/OFF
DOWN
C
Not Cut
TX-F04
MODE 10
DOWN
EXIT
ON/OFF
X
X
ON/OFF
EXIT
D
Not Cut
TX-F04
MODE 11
OPEN
STOP
Action 0.5"
Action 0.5"
Cut



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com