Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5LP01S Datasheet(PDF) 1 Page - ON Semiconductor

Part # 5LP01S
Description  P-Channel Small Signal MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LP01S Datasheet(HTML) 1 Page - ON Semiconductor

  5LP01S Datasheet HTML 1Page - ON Semiconductor 5LP01S Datasheet HTML 2Page - ON Semiconductor 5LP01S Datasheet HTML 3Page - ON Semiconductor 5LP01S Datasheet HTML 4Page - ON Semiconductor 5LP01S Datasheet HTML 5Page - ON Semiconductor 5LP01S Datasheet HTML 6Page - ON Semiconductor 5LP01S Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
62712 TKIM/41006PE MSIM TB-00002192/D2000 TSIM TA-3075 No.6666-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
5LP01S
P-Channel Small Signal MOSFET
–50V, –0.07A, 23Ω, Single SMCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low ON-resistance
•
Ultrahigh-speed switching
•
2.5V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--50
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--0.07
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--0.28
A
Allowable Power Dissipation
PD
0.15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7027-004
Ordering number : EN6666B
Product & Package Information
• Package
: SMCP
• JEITA, JEDEC
: SC-75, SOT-416
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
XB
1
2
3
TL
3
1
2
1.6
0.8
0.4
0.4
0.1 MIN
1 : Gate
2 : Source
3 : Drain
SMCP
5LP01S-TL-E


Similar Part No. - 5LP01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LP01S SANYO-5LP01S Datasheet
30Kb / 4P
Ultrahigh-Speed Switching Applications
5LP01S SANYO-5LP01S Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
5LP01S-TL-E SANYO-5LP01S-TL-E Datasheet
530Kb / 7P
General-Purpose Switching Device Applications
5LP01SP SANYO-5LP01SP Datasheet
39Kb / 4P
5LP01SP
logo
ON Semiconductor
5LP01SP ONSEMI-5LP01SP Datasheet
82Kb / 6P
P-Channel Small Signal MOSFET
April, 2014
More results

Similar Description - 5LP01S

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BSS84 WEITRON-BSS84 Datasheet
127Kb / 4P
Small Signal MOSFET P-Channel
logo
ON Semiconductor
3LP01C ONSEMI-3LP01C Datasheet
259Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01M ONSEMI-5LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01SP ONSEMI-5LP01SP Datasheet
82Kb / 6P
P-Channel Small Signal MOSFET
April, 2014
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com