Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2C02ER2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF2C02ER2
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02ER2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF2C02ER2 Datasheet HTML 1Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 2Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 3Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 4Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 5Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 6Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 7Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 8Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF2C02E
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 3)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
V(BR)DSS
25
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
IDSS
(N)
(P)
1.0
1.0
mAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
VGS(th)
1.0
2.0
3.0
Vdc
Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 2.2 Adc)
(VGS = 10 Vdc, ID = 2.0 Adc)
RDS(on)
(N)
(P)
0.100
0.250
Ohm
Drain−to−Source On−Resistance
(VGS = 4.5 Vdc, ID = 1.0 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
(N)
(P)
0.200
0.400
Ohm
On−State Drain Current
(VDS = 5.0 Vdc, VGS = 4.5 Vdc)
ID(on)
(N)
(P)
2.0
2.0
Adc
Forward Transconductance
(VDS = 3.0 Vdc, ID = 1.5 Adc)
(VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
(N)
(P)
1.0
1.0
2.6
2.8
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
(N)
(P)
380
340
532
475
pF
Output Capacitance
Coss
(N)
(P)
235
220
329
300
Transfer Capacitance
Crss
(N)
(P)
55
75
110
150
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc, RG = 9.1 Ω)
(VDD = 10 Vdc, ID = 1.0 Adc,
VGS = 5.0 Vdc, RG = 25 Ω)
td(on)
(N)
(P)
10
20
30
40
ns
Rise Time
tr
(N)
(P)
35
40
70
80
Turn−Off Delay Time
td(off)
(N)
(P)
19
53
38
106
Fall Time
tf
(N)
(P)
25
41
50
82
Turn−On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, RG = 6.0 Ω)
td(on)
(N)
(P)
7.0
13
21
26
Rise Time
tr
(N)
(P)
17
29
30
58
Turn−Off Delay Time
td(off)
(N)
(P)
27
30
48
60
Fall Time
tf
(N)
(P)
18
28
30
56
3. Negative signs for P−Channel device omitted for clarity.
4. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com