Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2C02ER2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF2C02ER2
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02ER2 Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF2C02ER2 Datasheet HTML 1Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 2Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 3Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 4Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 5Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 6Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 7Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 8Page - ON Semiconductor MMDF2C02ER2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF2C02E
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS − continued (TA = 25°C unless otherwise noted) (Note 6)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS − continued (Note 8)
Total Gate Charge
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
(N)
(P)
10.6
10
30
15
nC
Gate−Source Charge
Q1
(N)
(P)
1.3
1.0
Gate−Drain Charge
Q2
(N)
(P)
2.9
3.5
Q3
(N)
(P)
2.7
3.0
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage (Note 7)
(IS = 2.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
1.0
1.5
1.4
2.0
Vdc
Reverse Recovery Time
see Figure 7
(IF = IS,
dIS/dt = 100 A/ms)
trr
(N)
(P)
34
32
66
64
ns
ta
(N)
(P)
17
19
tb
(N)
(P)
17
12
QRR
(N)
(P)
0.025
0.035
mC
6. Negative signs for P−Channel device omitted for clarity.
7. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
8. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com