Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8580 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8580 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—5
DC Electrical Characteristics
VSS = 0V, VDD = 1.6 to 5.5V, Ta = −40 to 85°C unless otherwise noted
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption 1
IDD1
V DD = 5V
CE0N = RDN = WRN = V DD,
A0 to A3 = D0 to D3 = V DD or V SS,
CE1 = FCON = V SS,
AIRQN = TIRQN = FOUT = V DD,
VTEMP output OFF (TEMP bit = 0)
–
1.0
2.0
µ A
Current consumption 2
IDD2
V DD = 3V
–
0.6
1.0
µ A
Current consumption 3
IDD3
V DD = 5V
Ta = 25
°C,
CE0N = RDN = WRN = V DD,
A0 to A3 = D0 to D3 = V DD or V SS,
CE1 = FCON = V SS,
AIRQN = TIRQN = FOUT = V DD,
VTEMP output ON (TEMP bit = 1)
–5 0
7 5
µ A
Current consumption 4
IDD4
V DD = 3V
–
4 0
6 0
µ A
Current consumption 5
IDD5
V DD = 5V
CE0N = CE1 = RDN = WRN = V DD,
A0 to A3 = D0 to D3 = V SS,
FCON = V SS,
AIRQN = TIRQN = FOUT = VTEMP = Hi-Z,
VTEMP output OFF (TEMP bit = 0),
FOUT = 32kHz output, CL = 0pF
–
3.0
7.5
µ A
Current consumption 6
IDD6
V DD = 3V
–
1.7
4.5
µ A
Current consumption 7
IDD7
V DD = 5V
CE0N = CE1 = RDN = WRN = V DD,
A0 to A3 = D0 to D3 = V SS,
FCON = V SS,
AIRQN = TIRQN = FOUT = VTEMP = Hi-Z,
VTEMP output OFF (TEMP bit = 0),
FOUT = 32kHz output, CL = 30pF
–
8.0
2 0
µ A
Current consumption 8
IDD8
V DD = 3V
–
5.0
1 2
µ A
HIGH-level input voltage 1
V IH1
V DD = 4.5 to 5.5V,
CE0N, FCON, RDN, WRN, A0 to A3, D0 to D3
2.2
–
V DD + 0.3
V
L O W -level input voltage 1
V IL1
V SS − 0.3
–
0.8
V
HIGH-level input voltage 2
V IH2
V DD = 2.4 to 3.6V,
CE0N, FCON, RDN, WRN, A0 to A3, D0 to D3
0.8VDD
–V DD + 0.3
V
L O W -level input voltage 2
V IL2
V SS − 0.3
–
0.2VDD
V
HIGH-level input voltage 3
V IH3
V DD = 1.6 to 5.5V,
CE1
0.8VDD
–V DD + 0.3
V
L O W -level input voltage 3
V IL3
V SS − 0.3
–
0.2VDD
V
Input leakage current
ILEAK
CE0N = V DD, CE1 = V SS,
FCON = RDN = WRN = A0 to A3 = V DD or V SS
−0.5
–
0.5
µ A
Pull-up resistance 1
R UP1
V DD = 5V
CE0N = V SS
75
150
300
k
Ω
Pull-up resistance 2
R UP2
V DD = 3V
150
300
600
k
Ω
Pull-down resistance 1
R DWN1
V DD = 5V
CE1 = V DD
20
40
80
M
Ω
Pull-down resistance 2
R DWN2
V DD = 3V
42.5
8 5
1 7 0
M
Ω
Pull-down resistance 3
R DWN3
V DD = 5V
CE1 = 0.5V
30
60
120
k
Ω
Pull-down resistance 4
R DWN4
V DD = 3V
55
110
220
k
Ω
HIGH-level output voltage 1
V OH1
V DD = 5V
IOH = −1mA, D0 to D3, FOUT
4.5
–
5.0
V
HIGH-level output voltage 2
V OH2
V DD = 3V
2.0
–
3.0
V
HIGH-level output voltage 3
V OH3
V DD = 3V
IOH = −100µA, D0 to D3, FOUT
2.9
–
3.0
V
L O W -level output voltage 1
V OL1
V DD = 5V
IOL = 1mA, D0 to D3, FOUT
0
–
0.5
V
L O W -level output voltage 2
V OL2
V DD = 3V
0
–
0.8
V
L O W -level output voltage 3
V OL3
V DD = 3V
IOL = 100µA, D0 to D3, FOUT
0
–
0.1
V
L O W -level output voltage 4
V OL4
V DD = 5V
IOL = 1mA, AIRQN, TIRQN
0
–
0.25
V
L O W -level output voltage 5
V OL5
V DD = 3V
0
–
0.4
V
Output leakage current
IOZ
D0 to D3, AIRQN, TIRQN, FOUT, V OUT = V DD or V SS
−0.5
–
0.5
µ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com